Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6225 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6225
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6225 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sinking: -15mA
≤ IOUT ≤ 0mA
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6225 (continued)
(VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 4)
20
ppm
Temperature Hysteresis
+25°C
CONDITIONS
C
1
6
E
Long-Term Stability
∆VOUT / t
1
7
+25°C
20
M
3
15
ppm/
1000h
C
1
6
Figure 1
0.1Hz
≤ f ≤ 10Hz
E
10Hz
≤ f ≤ 1kHz
1
7
M
10
30
+25°C
1.8
2.7
Supply Current
IIN
C, E, M
3.0
mA
Trim-Adjustment Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
∆VOUT
C, E, M
±15
±25
mV
1.5
µVp-p
Output Noise Voltage (Note 3)
en
+25°C
1.3
2.8
µVRMS
TA
To ±0.01% of final value
Turn-On Settling Time
tON
+25°C
5
µs
+25°C
Sourcing: 0mA
≤ IOUT ≤ 15mA
ppm/mA
∆VOUT/
∆IOUT
Load Regulation (Note 2)
Sinking: -15mA
≤ IOUT ≤ 0mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn