Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1108 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC1108
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1108 Datasheet(HTML) 7 Page - Unisonic Technologies

  UC1108 Datasheet HTML 1Page - Unisonic Technologies UC1108 Datasheet HTML 2Page - Unisonic Technologies UC1108 Datasheet HTML 3Page - Unisonic Technologies UC1108 Datasheet HTML 4Page - Unisonic Technologies UC1108 Datasheet HTML 5Page - Unisonic Technologies UC1108 Datasheet HTML 6Page - Unisonic Technologies UC1108 Datasheet HTML 7Page - Unisonic Technologies UC1108 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UC1108
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-098.a
TYPICAL APPLICATION CIRCUIT (5V/1A)
BOM
Reference
Component
Reference
Component
BD1
BD 1A/600V
R2
R 6.8MΩ 1206 ±5%
L1
Inductor, com-choke
R3
R 6.8MΩ 1206 ±5%
C1
EC 4.7u F 400V 105°C
R4
R 30KΩ 0805 ±1%
C2
EC 4.7u F 400V 105°C
R5
R 9.1KΩ 0805 ±1%
C3
CC 2.2u F 50V 105°C
R6
R 27KΩ 0805 ±5%
C4
CC 0.47u F 50V 0805
R7
R 200KΩ 0805 ±5%
C5
CC 1n F 1000V 1206
R8
R 1.0Ω 1206 ±5%
C6
EC 1000u F 10V 105°C
R9
R 200KΩ 1206 ±5%
D1,D2
Diode UTC 1N4007
T1
EE-16
D3
Diode UTC SB340
F1
FUSE 1A 250VAC
R1
R 2.4KΩ 1206 ±5%
Q1
NPN Transistor UTC MJE13003


Similar Part No. - UC1108

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC1100 UTC-UC1100 Datasheet
224Kb / 6P
   LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
UC1100G-AG6-R UTC-UC1100G-AG6-R Datasheet
224Kb / 6P
   LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103G-S08-R UTC-UC1103G-S08-R Datasheet
235Kb / 9P
   HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
More results

Similar Description - UC1108

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com