Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37C73 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF37C73
Description  TRF37C73 1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37C73 Datasheet(HTML) 3 Page - Texas Instruments

  TRF37C73_15 Datasheet HTML 1Page - Texas Instruments TRF37C73_15 Datasheet HTML 2Page - Texas Instruments TRF37C73_15 Datasheet HTML 3Page - Texas Instruments TRF37C73_15 Datasheet HTML 4Page - Texas Instruments TRF37C73_15 Datasheet HTML 5Page - Texas Instruments TRF37C73_15 Datasheet HTML 6Page - Texas Instruments TRF37C73_15 Datasheet HTML 7Page - Texas Instruments TRF37C73_15 Datasheet HTML 8Page - Texas Instruments TRF37C73_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
VCC
NC
NC
RFIN
8
7
6
5
NC
PWDN
RFOUT
NC
TRF37C73
www.ti.com
SLASE42 – MAY 2014
5 Pin Configuration and Functions
DSG PACKAGE
(TOP VIEW)
Pin Functions
PIN
DESCRIPTION
NAME
NO.
VCC
1
DC Bias.
RFIN
2
RF input. Connect to an RF source through a DC-blocking capacitor. Internally matched to 50
Ω.
NC
3, 4, 6, 8
No electrical connection. Connect pad to GND for board level reliability integrity.
When high the device is in power down state. When LOW or NC the device is in active state. Internal pulldown
PWDN
5
resistor to GND.
RF Output and DC Bias (VCC). Connect to DC supply through an RF choke inductor. Connect to output load
RFOUT
7
through a DC-blocking capacitor. Internally matched to 50
Ω.
GND
PowerPAD™
RF and DC GND. Connect to PCB ground plane.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TRF37C73


Similar Part No. - TRF37C73_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73IDSGR TI1-TRF37C73IDSGR Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37C73IDSGT TI1-TRF37C73IDSGT Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results

Similar Description - TRF37C73_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com