Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3515L-D14-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # S3515L-D14-T
Description  PC POWER SUPPLY SUPERVISORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3515L-D14-T Datasheet(HTML) 5 Page - Unisonic Technologies

  S3515L-D14-T Datasheet HTML 1Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 2Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 3Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 4Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 5Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 6Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 7Page - Unisonic Technologies S3515L-D14-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S3515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-073,B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSON CONTROL
High-Level Input Voltage
VIH
1.9
V
Low-Level Input Voltage
VIL
0.98
V
Timing PGO Low to FPO High
TPSOFF
1.6
2.8
4.0
mS
ON
24
38
57
mS
Timing PSON to On/Off
OFF
TPSON
24
38
57
mS
Input Pull-up Current
IPSON
PSON = 0V
120
μA
TOTAL DEVICE
Supply Current
IDD
PSON = 5V, VDD = 5V
1.0
1.8
mA
VDD Start Threshold Voltage
VTHD
4.0
V
VDD Min. Operation Voltage After Start-up
VMIN
3.65
V


Similar Part No. - S3515L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S3515L-D14-T UTC-S3515L-D14-T Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515L-D14-T UTC-S3515L-D14-T Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - S3515L-D14-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com