Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AG-S08-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # MC34063AG-S08-T
Description  LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AG-S08-T Datasheet(HTML) 8 Page - Unisonic Technologies

  MC34063AG-S08-T Datasheet HTML 1Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 2Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 3Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 4Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 5Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 6Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 7Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 8Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-008.K
TYPICAL CHARACTERISTICS
Output Switch ON-OFF Time versus
Oscillator Timing Capacitor
Oscillator Timing Capacitor, CT (nF)
Timing Capacitor Waveform
10μs/DIV
103
102
101
100
10-2
10-1
100
101
VCC = 5.0V
Pin 7 = VCC
Pin 5 = GND
TA = 25℃
tON
tOFF
Pin 1,5,8 = Open
CT = 1.0nF
TA = 25℃
VCC = 5.0V
Pin 7 = VCC
Pin 2 = GND


Similar Part No. - MC34063AG-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34063AG-S08-T UTC-MC34063AG-S08-T Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results

Similar Description - MC34063AG-S08-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com