Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AG-S08-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. MC34063AG-S08-T
Description  LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AG-S08-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MC34063AG-S08-T Datasheet HTML 1Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 2Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 3Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 4Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 5Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 6Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 7Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 8Page - Unisonic Technologies MC34063AG-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R103-008.K
PIN CONFIGURATION
Switch Collector
Switch Emitter
Timing Capacitor
GND
Driver Collector
IPEAK Sense
VCC
Comparator Inverting input
1
2
3
4
8
7
5
6
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1
Switch Collector
I
Internal Darlington pairs TI collector
2
Switch Emitter
O
Internal Darlington pairs TI emitter
3
Timing Capacitor
The value of selected capacitor controls the internal oscillator run rate
4
GND
5
Comparator Inverting
Input
I
Inverting input of comparator which can set & initiate the Darlington pairs
output switch
6
VCC
7
IPEAK Sense
I
Current sense input to monitor the voltage drop across an external
resistor placed in series with VCC
8
Driver Collector
I
Internal Darlington pairs TI collector
BLOCK DIAGRAM
8
7
5
4
2
1
3
6
Q
S
R
C
E
T1
T2
A
Is
D
B
CT
Vcc
GND
Timing Capacitor
Switch Emitter
Switch Collector
1.25VREF
COMP.
OSCILLATOR
Comparator Inverting
Input
IPEAK Sense
Drive Collector


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn