Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51604-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51604-Q1
Description  TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51604-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51604-Q1 Datasheet HTML 2Page - Texas Instruments TPS51604-Q1 Datasheet HTML 3Page - Texas Instruments TPS51604-Q1 Datasheet HTML 4Page - Texas Instruments TPS51604-Q1 Datasheet HTML 5Page - Texas Instruments TPS51604-Q1 Datasheet HTML 6Page - Texas Instruments TPS51604-Q1 Datasheet HTML 7Page - Texas Instruments TPS51604-Q1 Datasheet HTML 8Page - Texas Instruments TPS51604-Q1 Datasheet HTML 9Page - Texas Instruments TPS51604-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS51604-Q1
SLUSBT2A – JANUARY 2014 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics (continued)
These specifications apply for TJ = –40°C to 125°C and VDD = 5 V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GATE DRIVER DEAD-TIME
tR(DT)
Rising edge
0
20
35
ns
tF(DT)
Falling edge
0
10
25
ns
ZERO CROSSING COMPARATOR
VZX
Zero crossing offset
SW voltage rising
–2.25
0
2.00
mV
BOOTSTRAP SWITCH
VFBST
Forward voltage
IF = 10 mA
120
240
mV
IRLEAK
Reverse leakage
(VBST – VVDD) = 25 V
2
µA
RDS(on)
On-resistance
12
24
Ω
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS51604-Q1


Similar Part No. - TPS51604-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGT TI-TPS51604DSGT Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
More results

Similar Description - TPS51604-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS92642-Q1 TI1-TPS92642-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS92642-Q1 Automotive Synchronous Buck Infrared LED Driver
NOVEMBER 2023
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
[Old version datasheet]   LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
logo
Major-Power Technology ...
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
   Synchronous Buck for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com