Electronic Components Datasheet Search |
|
LM5112SD Datasheet(PDF) 9 Page - Texas Instruments |
|
|
LM5112SD Datasheet(HTML) 9 Page - Texas Instruments |
9 / 16 page LM5112 www.ti.com SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006 where • FSW = switching frequency of the MOSFET (1) For example, consider the MOSFET MTD6N15 whose gate charge specified as 30 nC for VGATE = 12V. Therefore, the power dissipation in the driver due to charging and discharging of MOSFET gate capacitances at switching frequency of 300 kHz and VGATE of 12V is equal to PDRIVER = 12V x 30 nC x 300 kHz = 0.108W. (2) In addition to the above gate charge power dissipation, - transient power is dissipated in the driver during output transitions. When either output of the LM5112 changes state, current will flow from VCC to VEE for a very brief interval of time through the output totem-pole N and P channel MOSFETs. The final component of power dissipation in the driver is the power associated with the quiescent bias current consumed by the driver input stage and Under-voltage lockout sections. Characterization of the LM5112 provides accurate estimates of the transient and quiescent power dissipation components. At 300 kHz switching frequency and 30 nC load used in the example, the transient power will be 8 mW. The 1 mA nominal quiescent current and 12V VGATE supply produce a 12 mW typical quiescent power. Therefore the total power dissipation PD = 0.118 + 0.008 + 0.012 = 0.138W. (3) We know that the junction temperature is given by TJ = PD x θJA + TA (4) Or the rise in temperature is given by TRISE = TJ − TA = PD x θJA (5) For WSON-6 package, the integrated circuit die is attached to leadframe die pad which is soldered directly to the printed circuit board. This substantially decreases the junction to ambient thermal resistance ( θJA). By providing suitable means of heat dispersion from the IC to the ambient through exposed copper pad, which can readily dissipate heat to the surroundings, θJA as low as 40°C / Watt is achievable with the package. The resulting Trise for the driver example above is thereby reduced to just 5.5 degrees. Therefore TRISE is equal to TRISE = 0.138 x 40 = 5.5°C (6) For MSOP-PowerPAD θJA is typically 60°C/W. Copyright © 2004–2006, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM5112 |
Similar Part No. - LM5112SD |
|
Similar Description - LM5112SD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |