Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX606 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX606
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX606 Datasheet HTML 4Page - Maxim Integrated Products MAX606 Datasheet HTML 5Page - Maxim Integrated Products MAX606 Datasheet HTML 6Page - Maxim Integrated Products MAX606 Datasheet HTML 7Page - Maxim Integrated Products MAX606 Datasheet HTML 8Page - Maxim Integrated Products MAX606 Datasheet HTML 9Page - Maxim Integrated Products MAX606 Datasheet HTML 10Page - Maxim Integrated Products MAX606 Datasheet HTML 11Page - Maxim Integrated Products MAX606 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
_______________________________________________________________________________________
9
The on/off times are determined by the input and output
voltages:
tON = K / VIN
tOFF = 0.5 · K / (VOUT + VDIODE - VIN)
K is typically 3µs-V for the MAX606 and 6µs-V for the
MAX607. This factor is chosen to set the optimum
switching frequency and the one-cycle current limit,
which determines the no-load output ripple at low out-
put-to-input voltage differentials. The factor of 0.5 in the
off-time equation is the typical switch off-time ratio. This
ratio guarantees high efficiency under a heavy load by
allowing the inductor to operate in continuous-conduc-
tion mode. For example, a switch off-time ratio of 1
would cause the device to operate on the edge of dis-
continuous-conduction mode.
To determine the actual switch off-time ratio for a par-
ticular device, measure tON, tOFF, VIN, and VOUT, and
then solve for the ratio by substituting these values into
the off-time equation.
Unlike PWM converters, the MAX606/MAX607 generate
variable-frequency switching noise. However, the
amplitude of this noise does not exceed the product of
the switch current limit and the output capacitor equiva-
lent series resistance (ESR). Traditional clocked-PFM or
pulse-skipping converters cannot make this claim.
Output Voltage Selection
The MAX606/MAX607 output voltage is pin-program-
mable to 5V and 12V, and also adjustable to voltages
between VIN and 12.5V. Connect FB to IN for a 5V out-
put, to GND for a 12V output, or to a resistive divider
between the output and GND for an adjustable output.
Always connect OUT to the output.
UNDER-
VOLTAGE
LOCKOUT
DUAL
MODE
REF
CURRENT-LIMIT
COMPARATOR
ERROR
COMPARATOR
TIMING CIRCUIT
tON
tOFF
CONTROL
LOGIC
EN
ON
INH
OFF
SHDN
FB
INT/EXT
FB
5V/12V
OUT
SS
PGND
INTERNAL
POWER
1
Ω SWITCH
LX
IN
VREF
DRIVER
RLIM
MAX606
MAX607
Figure 3. Functional Diagram


Similar Part No. - MAX606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606 MAXIM-MAX606 Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6061AEUR-T MAXIM-MAX6061AEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6061BEUR-T MAXIM-MAX6061BEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6062AEUR-T MAXIM-MAX6062AEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results

Similar Description - MAX606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Linear Technology
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
logo
Maxim Integrated Produc...
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com