Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX603 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX603
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX603 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX603 Datasheet HTML 1Page - Maxim Integrated Products MAX603 Datasheet HTML 2Page - Maxim Integrated Products MAX603 Datasheet HTML 3Page - Maxim Integrated Products MAX603 Datasheet HTML 4Page - Maxim Integrated Products MAX603 Datasheet HTML 5Page - Maxim Integrated Products MAX603 Datasheet HTML 6Page - Maxim Integrated Products MAX603 Datasheet HTML 7Page - Maxim Integrated Products MAX603 Datasheet HTML 8Page - Maxim Integrated Products MAX603 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX603/MAX604 low-dropout, low quiescent cur-
rent, linear regulators supply 5V, 3.3V, or an adjustable
output for currents up to 500mA. They are available in a
1.8W SO package. Typical dropouts are 320mV at 5V
and 500mA, or 240mV at 3.3V and 200mA. Quiescent
currents are 15µA typ and 35µA max. Shutdown turns
off all circuitry and puts the regulator in a 2µA off mode.
A unique protection scheme limits reverse currents
when the input voltage falls below the output. Other fea-
tures include foldback current limiting and thermal
overload protection.
The output is preset at 3.3V for the MAX604 and 5V for
the MAX603. In addition, both devices employ Dual
Mode™ operation, allowing user-adjustable outputs
from 1.25V to 11V using external resistors. The input
voltage supply range is 2.7V to 11.5V.
The MAX603/MAX604 feature a 500mA P-channel
MOSFET pass transistor. This transistor allows the
devices to draw less than 35µA over temperature, inde-
pendent of the output current. The supply current
remains low because the P-channel MOSFET pass tran-
sistor draws no base currents (unlike the PNP transis-
tors of conventional bipolar linear regulators). Also,
when the input-to-output voltage differential becomes
small, the internal P-channel MOSFET does not suffer
from excessive base current losses that occur with sat-
urated PNP transistors.
________________________Applications
5V and 3.3V Regulators
1.25V to 11V Adjustable Regulators
Battery-Powered Devices
Pagers and Cellular Phones
Portable Instruments
Solar-Powered Instruments
____________________________Features
o 500mA Output Current, with Foldback Current
Limiting
o High-Power (1.8W) 8-Pin SO Package
o Dual Mode™ Operation: Fixed or Adjustable
Output from 1.25V to 11V
o Large Input Range (2.7V to 11.5V)
o Internal 500mA P-Channel Pass Transistor
o 15µA Typical Quiescent Current
o 2µA (Max) Shutdown Mode
o Thermal Overload Protection
o Reverse-Current Protection
______________Ordering Information
* Dice are tested at TA = +25°C, DC parameters only.
** Contact factory for availability.
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
OUT
GND
GND
SET
IN
GND
GND
OFF
MAX603
MAX604
DIP/SO
TOP VIEW
__________________Pin Configuration
MAX603
MAX604
OUT
SET
GND
IN
OFF
COUT
10
µF
CIN
10
µF
BATTERY
OUTPUT
VOLTAGE
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0269; Rev 0; 9/94
PART
MAX603CPA
MAX603CSA
MAX603C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX603EPA
MAX603ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX603MJA
-55°C to +125°C
8 CERDIP**
MAX604CPA
MAX604CSA
MAX604C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX604EPA
MAX604ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX604MJA
-55°C to +125°C
8 CERDIP**
™ Dual Mode is a trademark of Maxim Integrated Products.


Similar Part No. - MAX603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6030 MAXIM-MAX6030 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
More results

Similar Description - MAX603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com