Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES24N3 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 89HPES24N3
Description  Supports one virtual channel
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES24N3 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 89HPES24N3 Datasheet HTML 2Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 3Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 4Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 5Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 6Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 7Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 8Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 9Page - Integrated Device Technology 89HPES24N3 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6 of 30
July 18, 2006
IDT 89HPES24N3 Data Sheet
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary
scan logic or JTAG Controller. When no data is being shifted out, this signal
is tri-stated.
JTAG_TMS
I
JTAG Mode. The value on this signal controls the test mode select of the
boundary scan logic or JTAG Controller.
JTAG_TRST_N
I
JTAG Reset. This active low signal asynchronously resets the boundary
scan logic and JTAG TAP Controller. An external pull-up on the board is
recommended to meet the JTAG specification in cases where the tester
can access this signal. However, for systems running in functional mode,
one of the following should occur:
1) actively drive this signal low with control logic
2) statically drive this signal low with an external pull-down on the board
Signal
Type
Name/Description
VDDCORE
I
Core VDD. Power supply for core logic.
VDDIO
I
I/O VDD. LVTTL I/O buffer power supply.
VDDPE
I
PCI Express Digital Power. PCI Express digital power used by the digital
power of the SerDes.
VDDAPE
I
PCI Express Analog Power. PCI Express analog power used by the PLL
and bias generator.
VTTPE
I
PCI Express Termination Power.
VSS
I
Ground.
Table 6 Power and Ground Pins
Signal
Type
Name/Description
Table 5 Test Pins (Part 2 of 2)


Similar Part No. - 89HPES24N3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES24N3 RENESAS-89HPES24N3 Datasheet
764Kb / 31P
   24-Lane 3-Port PCI Express® Switch
July 18, 2006
logo
Integrated Device Techn...
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
   24-Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES24N3A RENESAS-89HPES24N3A Datasheet
815Kb / 32P
   24-Lane 3-Port PCI Express® Switch
April 23, 2008
89HPES24N3A1ZCBX RENESAS-89HPES24N3A1ZCBX Datasheet
815Kb / 32P
   24-Lane 3-Port PCI Express® Switch
April 23, 2008
89HPES24N3A1ZCBXG RENESAS-89HPES24N3A1ZCBXG Datasheet
815Kb / 32P
   24-Lane 3-Port PCI Express® Switch
April 23, 2008
More results

Similar Description - 89HPES24N3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3 IDT-89HPES12N3 Datasheet
530Kb / 28P
   Supports one virtual channel
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
   One virtual channel
89HPES16T4 IDT-89HPES16T4 Datasheet
793Kb / 31P
   One virtual channel
logo
Axiomtek Co., Ltd.
AX61133TM AXIOMTEK-AX61133TM Datasheet
687Kb / 2P
   SupportS one PCI or PCIe riser card
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
   Supports one 2.5 IDE or SATA HDD
logo
Texas Instruments
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
logo
Tripp Lite. All Rights ...
U237-001 TRIPPLITE-U237-001 Datasheet
522Kb / 2P
   Virtual 7.1-Channel USB External Sound Card
logo
Texas Instruments
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
logo
Sanyo Semicon Device
LV1150 SANYO-LV1150 Datasheet
96Kb / 9P
   Virtual Surround System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com