Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5940A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5940A
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5940A Datasheet HTML 1Page - Maxim Integrated Products MAX5940A Datasheet HTML 2Page - Maxim Integrated Products MAX5940A Datasheet HTML 3Page - Maxim Integrated Products MAX5940A Datasheet HTML 4Page - Maxim Integrated Products MAX5940A Datasheet HTML 5Page - Maxim Integrated Products MAX5940A Datasheet HTML 6Page - Maxim Integrated Products MAX5940A Datasheet HTML 7Page - Maxim Integrated Products MAX5940A Datasheet HTML 8Page - Maxim Integrated Products MAX5940A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
4
_______________________________________________________________________________________
IIN
IINi + 1
IINi
IOFFSET
dRi
1V
VINi
VINi + 1
IOFFSET
≅ IINi -
VINi
dRi
dRi
(VINi + 1 - VINi)
=
1V
(IINi + 1 - IINi)
(IINi + 1 - IINi)
VIN
Figure1 . Effective Differential Input Resistance/Offset Current
DETECTION CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0
010
RDISC = 25.5k
IIN + IRDISC
CLASSIFICATION CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
25
20
15
10
5
10
20
30
40
50
0
030
CLASS 0
CLASS 1
CLASS 2
CLASS 3
CLASS 4
EFFECTIVE DIFFERENTIAL INPUT
RESISTANCE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
10
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
012
INPUT OFFSET CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
9
7
5
3
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-3.5
111
NORMALIZED UVLO
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
-40
85
UVLO = VEE
PGOOD OUTPUT LOW VOLTAGE
vs. CURRENT
ISINK (mA)
15
10
5
50
100
150
200
250
0
020
Typical Operating Characteristics
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE (MAX5940B), TA = -40°C to +85°C. Typical values
are at TA = +25°C. All voltages are referenced to VEE, unless otherwise noted.)


Similar Part No. - MAX5940A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results

Similar Description - MAX5940A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com