Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DMU0131 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DMU0131
Description  HCSL differential inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMU0131 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DMU0131 Datasheet HTML 2Page - Integrated Device Technology 9DMU0131 Datasheet HTML 3Page - Integrated Device Technology 9DMU0131 Datasheet HTML 4Page - Integrated Device Technology 9DMU0131 Datasheet HTML 5Page - Integrated Device Technology 9DMU0131 Datasheet HTML 6Page - Integrated Device Technology 9DMU0131 Datasheet HTML 7Page - Integrated Device Technology 9DMU0131 Datasheet HTML 8Page - Integrated Device Technology 9DMU0131 Datasheet HTML 9Page - Integrated Device Technology 9DMU0131 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REVISION A 09/30/14
7
2:1 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0131 DATASHEET
Marking Diagram
Notes:
1. “XXX” is the last 3 characters of the lot number.
2. “YYWW” is the last two digits of the year and week that the part was assembled.
3. Line 3: truncated part number
4. “I” denotes industrial temperature grade.
Thermal Characteristics
XXX
YYWW
U31AI
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
66
°C/W
1
θJb
Junction to Base
5
°C/W
1
θJA0
Junction to Air, still air
63
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
56
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
51
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
49
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG16


Similar Part No. - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0131 ICST-9DMU0131 Datasheet
113Kb / 10P
   Spread Spectrum Compatible
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
More results

Similar Description - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMU0431 IDT-9DMU0431 Datasheet
116Kb / 11P
   HCSL differential inputs
logo
EUROQUARTZ limited
HCK5361 EUROQUARTZ-HCK5361 Datasheet
255Kb / 1P
   DIFFERENTIAL HCSL OSCILLATORS
HCK5761 EUROQUARTZ-HCK5761 Datasheet
259Kb / 1P
   DIFFERENTIAL HCSL OSCILLATORS
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
   HCSL-compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com