Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5470 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S5470 Datasheet HTML 1Page - Seiko Instruments Inc S5470 Datasheet HTML 2Page - Seiko Instruments Inc S5470 Datasheet HTML 3Page - Seiko Instruments Inc S5470 Datasheet HTML 4Page - Seiko Instruments Inc S5470 Datasheet HTML 5Page - Seiko Instruments Inc S5470 Datasheet HTML 6Page - Seiko Instruments Inc S5470 Datasheet HTML 7Page - Seiko Instruments Inc S5470 Datasheet HTML 8Page - Seiko Instruments Inc S5470 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC
Rev.1.2_00
S-5470 Series
Seiko Instruments Inc.
3
Product Name Structure
Users can select the output form and output logic for the S-5470 Series. Refer to "1.
Product name" regarding the
contents of the product name, "2.
Package" regarding the package drawings, "3.
Product name list" regarding
details of the product name.
1.
Product name
S-5470
x
21
I
-
M5T1
U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
Operation temperature
I:
Ta =
−40°C to +85°C
Detection mode
21: Current amplifier current amplification ratio
× 2
Output form and output logic
A: CMOS output (Active "H")
B: CMOS output (Active "L")
C: Nch open-drain output (Active "H")
D: Nch open-drain output (Active "L")
*1.
Refer to the tape drawing.
2.
Package
Table 1
Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
3.
Product name list
Table 2
Product Name
Output Form
Output Logic
Detection Mode
S-5470A21I-M5T1U
CMOS output
Active "H"
Current amplifier current amplification ratio
× 2
S-5470B21I-M5T1U
CMOS output
Active "L"
Current amplifier current amplification ratio
× 2
S-5470C21I-M5T1U
Nch open-drain output
Active "H"
Current amplifier current amplification ratio
× 2
S-5470D21I-M5T1U
Nch open-drain output
Active "L"
Current amplifier current amplification ratio
× 2
Remark
Please contact our sales office for products other than the above.


Similar Part No. - S5470

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5471 SII-S5471 Datasheet
1Mb / 20P
   ENERGY HARVESTING VOLTAGE MONITORING IC WITH ULTRA-LOW CURRENT CONSUMPTION
logo
Laird Tech Smart Techno...
S54717P LSTD-S54717P Datasheet
923Kb / 1P
   Wide-Band Panel Antenna
More results

Similar Description - S5470

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
   ULTRA-LOW CURRENT CONSUMPTION
S1206 SII-S1206 Datasheet
557Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
   Ultra Low Current Consumption 20
Rev. 1.0, June 2009
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com