Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0841 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DBV0841
Description  HCSL compatible differential input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0841 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DBV0841 Datasheet HTML 1Page - Integrated Device Technology 9DBV0841 Datasheet HTML 2Page - Integrated Device Technology 9DBV0841 Datasheet HTML 3Page - Integrated Device Technology 9DBV0841 Datasheet HTML 4Page - Integrated Device Technology 9DBV0841 Datasheet HTML 5Page - Integrated Device Technology 9DBV0841 Datasheet HTML 6Page - Integrated Device Technology 9DBV0841 Datasheet HTML 7Page - Integrated Device Technology 9DBV0841 Datasheet HTML 8Page - Integrated Device Technology 9DBV0841 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9DBV0841
8-OUTPUT VERY LOW POWER PCIE GEN1-2-3 BUFFER
IDT®
8-OUTPUT VERY LOW POWER PCIE GEN1-2-3 BUFFER
4
9DBV0841
REV C 081214
Pin Descriptions (cont.)
39
VDDIO
PWR
Power supply for differential outputs
40
GND
GND
Ground pin.
41
DIF6
OUT
Differential true clock output
42
DIF6#
OUT
Differential Complementary clock output
43
vOE6#
IN
Active low input for enabling DIF pair 6. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
44
DIF7
OUT
Differential true clock output
45
DIF7#
OUT
Differential Complementary clock output
46
vOE7#
IN
Active low input for enabling DIF pair 7. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
47
VDDIO
PWR
Power supply for differential outputs
48
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.


Similar Part No. - 9DBV0841

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0841 ICST-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
logo
Integrated Device Techn...
9DBV0841AKILF IDT-9DBV0841AKILF Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0841AKILFT IDT-9DBV0841AKILFT Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
More results

Similar Description - 9DBV0841

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
   HCSL-compatible differential input
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
   HCSL compatible differential input
logo
Integrated Circuit Syst...
9DBV0541 ICST-9DBV0541 Datasheet
165Kb / 16P
   HCSL compatible differential input
9DBV0841 ICST-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
logo
Integrated Device Techn...
9DBU0431 IDT-9DBU0431 Datasheet
194Kb / 16P
   HCSL-compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com