Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1003 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part No. S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S1003 Datasheet(HTML) 4 Page - Seiko Instruments Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
4
Product Name Structure
Users can select the output form, MR pin logic, detection voltage value, and package type for the S-1003 Series. Refer
to "1. Product name" regarding the contents of product name, "2. Product type list" regarding the product types,
"3. Packages" regarding the package drawings and "4. Product name list" regarding details of product name.
1. Product name
S-1003 x x xx I - xxxx U
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
I6T1:
SNT-6A, Tape
Detection voltage value
12 to 50
(e.g., when the detection voltage is 1.2 V, it is expressed as 12.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
I:
Ta =
−40°C to +85°C
Output form
*2
N:
Nch open-drain output (Active "L")
*3
C:
CMOS output (Active "L")
*3
MR pin logic
*2
A:
Active "L"
B:
Active "H"
*1. Refer to the tape drawing.
*2. Refer to "2. Product type list".
*3. If you request the product with output logic active "H", contact our sales office.
2. Product type list
Table 1
Product Type
Output Form
MR Pin Logic
Output Logic
NA
Active "L"
Active "L"
NB
Nch open-drain output
Active "H"
Active "L"
CA
Active "L"
Active "L"
CB
CMOS output
Active "H"
Active "L"
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn