Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1003 Datasheet(PDF) 31 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 31 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 27Page - Seiko Instruments Inc S1003 Datasheet HTML 28Page - Seiko Instruments Inc S1003 Datasheet HTML 29Page - Seiko Instruments Inc S1003 Datasheet HTML 30Page - Seiko Instruments Inc S1003 Datasheet HTML 31Page - Seiko Instruments Inc S1003 Datasheet HTML 32Page - Seiko Instruments Inc S1003 Datasheet HTML 33Page - Seiko Instruments Inc S1003 Datasheet HTML 34Page - Seiko Instruments Inc S1003 Datasheet HTML 35Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
31
VIH
*1
Input voltage
VIL
*2
VDD
*3
tPHL
tPLH
1
μs
1
μs
VDD
*3 × 10%
VDD
*3 × 90%
Output voltage
*1.
VIH = 10 V
*2.
VIL = 0.95 V
*3.
CMOS output product: VDD
Nch open-drain product: VDD1
V
R
*1
100 k
Ω
COUT
VDD
V
CD
VDD1
*1
VDD
OUT
VSS
+
+
MR
*2
*1.
R and VDD1 are unnecessary for CMOS output
product.
*2.
Set to VDD or GND (MR pin non-active).
Figure 34 Test Condition of Response Time
Figure 35 Test Circuit of Response Time
Caution 1. The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
2. When the CD pin is open, a double pulse may appear at release.
To avoid the double pulse, attach a 100 pF or more capacitor to the CD pin.
Response time when detecting (tPHL) is not affected by CD pin capacitance. Besides, response
time when releasing (tPLH) can set the delay time by attaching the CD pin.
Refer to "11. Delay time
(tD) vs. CD pin capacitance (CD) (Without output pin capacitance)" for
details.
11. Delay time (tD) vs. CD pin capacitance (CD) (Without output pin capacitance)
S-1003NA12
Ta =
+25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]
S-1003NA24
Ta =
+25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]
S-1003NA50
Ta =
+25°C
0.01
0.1
1
10
100
0.01
10000
1000
1000
100
10
1
0.1
CD [nF]


Similar Part No. - S1003

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S1003L TECCOR-S1003L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S1003

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com