Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1003 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part No. S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S1003 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
18
2. 3 Cautions of manual reset function
2. 3. 1 Slew rate when switching manual reset function
Although there is a hysteresis width between the MR pin input voltage "L" (VMRL) and the MR pin input voltage "H"
(VMRH), note that the IC may malfunction if the slew rate (Refer to Figure 22, Figure 23) is low when the MR pin
voltage is changed.
The slew rate is calculated by using the following equation.
Slew rate =
VMRH
− VMRL
Δt
(1) When MR pin logic is active "L"
The OUT pin voltage may oscillate if the parasitic resistance (RP) between the power supply and the VDD pin is
high.
In case of RP
≥ 8 kΩ:
Connect a capacitor of 1 nF or more between the VDD pin and the VSS pin.
In case of 5 k
Ω ≤ RP < 8 kΩ: Capacitors are unnecessary if the slew rate is 100 V/s or higher.
In case of RP
< 5 kΩ:
Capacitors are unnecessary if the slew rate is 1 V/s or higher.
VMR
Δt
VMRH
VMRL
Time
Figure 22
(2) When MR pin logic is active "H"
Connect a capacitor of 100 pF or more to the CD pin, and set the slew rate 20 V/s or higher.
VMR
Δt
VMRH
VMRL
Time
Figure 23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn