Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S58LM20A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S58LM20A
Description  CMOS TEMPERATURE SENSOR IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S58LM20A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S58LM20A Datasheet HTML 5Page - Seiko Instruments Inc S58LM20A Datasheet HTML 6Page - Seiko Instruments Inc S58LM20A Datasheet HTML 7Page - Seiko Instruments Inc S58LM20A Datasheet HTML 8Page - Seiko Instruments Inc S58LM20A Datasheet HTML 9Page - Seiko Instruments Inc S58LM20A Datasheet HTML 10Page - Seiko Instruments Inc S58LM20A Datasheet HTML 11Page - Seiko Instruments Inc S58LM20A Datasheet HTML 12Page - Seiko Instruments Inc S58LM20A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.3.1_00
S-58LM20A Series
Seiko Instruments Inc.
9
Explanation of Terms
1. Output voltage (VOUT)
VOUT indicates the output voltage at Ta =
−30°C, Ta = +30°C, and Ta = +130°C.
Output voltage
0
°C
+130°C
+30°C
Temperature [Ta]
−30°C
Max.
Min.
Figure 8


Similar Part No. - S58LM20A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
S581-4000-14 TRIQUINT-S581-4000-14 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
logo
Bothhand USA, LP.
S5812 BOTHHAND-S5812 Datasheet
27Kb / 1P
   DIGITAL AUDIO DATA TRANSFORMER
S5812 BOTHHAND-S5812 Datasheet
78Kb / 1P
   DIGITAL AUDIO DATA TRANSFORMER
S5812 BOTHHAND-S5812_1 Datasheet
78Kb / 1P
   DIGITAL AUDIO DATA TRANSFORMER
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - S58LM20A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com