Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S57K1 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S57K1
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S57K1 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S57K1 Datasheet HTML 5Page - Seiko Instruments Inc S57K1 Datasheet HTML 6Page - Seiko Instruments Inc S57K1 Datasheet HTML 7Page - Seiko Instruments Inc S57K1 Datasheet HTML 8Page - Seiko Instruments Inc S57K1 Datasheet HTML 9Page - Seiko Instruments Inc S57K1 Datasheet HTML 10Page - Seiko Instruments Inc S57K1 Datasheet HTML 11Page - Seiko Instruments Inc S57K1 Datasheet HTML 12Page - Seiko Instruments Inc S57K1 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.1.5_00
S-57K1 A Series
Seiko Instruments Inc.
9
Operation
1. Direction of applied magnetic flux
The S-57K1 A Series detects the magnetic flux density which is vertical to the marking surface.
Figure 10 shows the direction in which magnetic flux is being applied.
Marking surface
S
N
Figure 10
2. Position of Hall sensor
Figure 11 shows the position of Hall sensor.
The center of this Hall sensor is located in the area indicated by a circle, which is in the center of a package as
described below.
The following also shows the distance (typ. value) between the marking surface and the chip surface of a package.
1
Top view
2
3
0.7 mm (typ.)
The center of Hall sensor;
in this
φ 0.3 mm
Figure 11


Similar Part No. - S57K1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S57 SUMIDA-S57 Datasheet
158Kb / 1P
   RF COILS
logo
Bel Fuse Inc.
S570-1328-00 BEL-S570-1328-00 Datasheet
48Kb / 1P
   COMMON MODE CHOKE
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results

Similar Description - S57K1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19311 SII-S19311 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57P1 SII-S57P1 Datasheet
396Kb / 16P
   FOR AUTOMOTIVE 150C OPERATION HIGH-WITHSTAND VOLTAGE
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com