Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCF312 Datasheet(PDF) 6 Page - International Rectifier

Part # IRMCF312
Description  Dual Channel Sensorless Motor Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF312 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRMCF312_15 Datasheet HTML 2Page - International Rectifier IRMCF312_15 Datasheet HTML 3Page - International Rectifier IRMCF312_15 Datasheet HTML 4Page - International Rectifier IRMCF312_15 Datasheet HTML 5Page - International Rectifier IRMCF312_15 Datasheet HTML 6Page - International Rectifier IRMCF312_15 Datasheet HTML 7Page - International Rectifier IRMCF312_15 Datasheet HTML 8Page - International Rectifier IRMCF312_15 Datasheet HTML 9Page - International Rectifier IRMCF312_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
IRMCF312
6
o
Peak detect
o
Transition
o
Multiply-divide (signed and unsigned)
o
Divide (signed and unsigned)
o
Adder
o
Subtractor
o
Comparator
o
Counter
o
Accumulator
o
Switch
o
Shift
o
ATAN (arc tangent)
o
Function block (any curve fitting, nonlinear function)
o
16-bit wide Logic operations (AND, OR, XOR, NOT, NEGATE)
o
MCETM program and data memory (6K byte). Note 1
o
MCETM control sequencer
• 8051 microcontroller
o
Three 16-bit timer/counters
o
16-bit periodic timer
o
16-bit analog watchdog timer
o
16-bit capture timer
o
Up to 36 discrete I/Os
o
Eleven-channel 12-bit A/D
Five buffered channels (0 – 1.2V input)
Six unbuffered channels (0 – 1.2V input)
o
JTAG port (4 pins)
o
Up to three channels of analog output (8-bit PWM)
o
Two UART
o
I2C/SPI port
o
48K byte program RAM loaded from external EEPROM
o
2K byte data RAM. Note 1
Note 1: Total size of RAM is 8K byte including MCE program, MCE data, and
8051 data. Different sizes can be allocated depending on applications.


Similar Part No. - IRMCF312_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF312 IRF-IRMCF312 Datasheet
227Kb / 8P
   Dual Channel Sensorless PM Motor Control IC MCETM(Motion Control Engine) based sinusoidal sensorless control
More results

Similar Description - IRMCF312_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCK312 IRF-IRMCK312_15 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC
IRMCF311 IRF-IRMCF311_15 Datasheet
454Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCF311 IRF-IRMCF311 Datasheet
646Kb / 33P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com