Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCF311 Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCF311
Description  Dual Channel Sensorless Motor Control IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF311 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCF311_15 Datasheet HTML 7Page - International Rectifier IRMCF311_15 Datasheet HTML 8Page - International Rectifier IRMCF311_15 Datasheet HTML 9Page - International Rectifier IRMCF311_15 Datasheet HTML 10Page - International Rectifier IRMCF311_15 Datasheet HTML 11Page - International Rectifier IRMCF311_15 Datasheet HTML 12Page - International Rectifier IRMCF311_15 Datasheet HTML 13Page - International Rectifier IRMCF311_15 Datasheet HTML 14Page - International Rectifier IRMCF311_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
IRMCF311
11
AIN0
Input, Analog input channel 0 (0 - 1.2V), typically configured for DC bus
voltage input
AIN1
Input, Analog input channel 1 (0 - 1.2V), needs to be pulled down to
AVSS if unused
4.4
Power Interface Group
VDD1
Digital power for I/O (3.3V)
VDD2
Digital power for core logic (1.8V)
VSS
Digital common
PLLVDD
PLL power (1.8V)
PLLVSS
PLL ground return
4.5
Test Interface Group
TSTMOD
Must be tied to VSS, used only for factory testing.
P5.1/TDI
Input, JTAG test data input, or programmable discrete I/O
P5.2/TMS
Input, JTAG test mode select, or programmable discrete I/O
TCK
Input, JTAG test clock
P5.3/TDO
Output, JTAG test data output, or programmable discrete I/O


Similar Part No. - IRMCF311_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF311TR IRF-IRMCF311TR Datasheet
646Kb / 33P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCF311TY IRF-IRMCF311TY Datasheet
646Kb / 33P
   Dual Channel Sensorless Motor Control IC for Appliances
More results

Similar Description - IRMCF311_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCK312 IRF-IRMCK312_15 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC
IRMCF312 IRF-IRMCF312_15 Datasheet
869Kb / 35P
   Dual Channel Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCF311 IRF-IRMCF311 Datasheet
646Kb / 33P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com