Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PMEG3005ELD Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. PMEG3005ELD
Description  0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMEG3005ELD Datasheet(HTML) 7 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PMEG3005ELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 April 2011
7 of 14
NXP Semiconductors
PMEG3005ELD
0.5 A low VF MEGA Schottky barrier rectifier
f=1MHz; Tamb =25 °C
Fig 7.
Diode capacitance as a function of reverse voltage; typical values
Tj = 150 °C
(1)
δ =0.1
(2)
δ =0.2
(3)
δ =0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ =0.9
(3)
δ =0.8
(4)
δ =0.5
Fig 8.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 9.
Average reverse power dissipation as a
function of reverse voltage; typical values
006aac550
VR (V)
030
20
10
20
10
30
40
Cd
(pF)
0
006aac551
IF(AV) (A)
0.00
0.75
0.50
0.25
0.2
0.1
0.3
0.4
PF(AV)
(W)
0.0
(1)
(2)
(3)
(4)
006aac552
VR (V)
030
20
10
0.3
0.6
0.9
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn