Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005AESF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG3005AESF
Description  30 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3005AESF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG3005AESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PMEG3005AESF
30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005AESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 February 2015
8 / 14
aaa-011536
VR (V)
0
30
20
10
0.08
0.12
0.04
0.16
0.20
PR(AV)
(W)
0
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
Fig. 8. Average reverse power dissipation as a
function of reverse voltage; typical values
Tamb (°C)
175
125
25
150
100
50
0
75
aaa-011575
0.4
0.2
0.6
0.8
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, standard footprint
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 9. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
175
125
25
150
100
50
0
75
aaa-011576
0.4
0.2
0.6
0.8
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, mounting pad for anode and cathode 1
cm2 each
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 10. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
175
125
25
150
100
50
0
75
aaa-011577
0.4
0.2
0.6
0.8
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 11. Average forward current as a function of
ambient temperature; typical values


Similar Part No. - PMEG3005AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005AESF NEXPERIA-PMEG3005AESF Datasheet
212Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3005AESF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005ESF PHILIPS-PMEG3005ESF_15 Datasheet
194Kb / 14P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
logo
Nexperia B.V. All right...
PMEG3005EEF NEXPERIA-PMEG3005EEF Datasheet
233Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 December 2018
PMEG3005ESF NEXPERIA-PMEG3005ESF Datasheet
214Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005EGW NEXPERIA-PMEG3005EGW Datasheet
683Kb / 12P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005AESF NEXPERIA-PMEG3005AESF Datasheet
212Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005ET-Q NEXPERIA-PMEG3005ET-Q Datasheet
196Kb / 9P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EJ-Q NEXPERIA-PMEG3005EJ-Q Datasheet
186Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com