Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25C320A Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S25C320A
Description  SPI SERIAL E2PROM FOR AUTOMOTIVE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C320A Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S25C320A Datasheet HTML 6Page - Seiko Instruments Inc S25C320A Datasheet HTML 7Page - Seiko Instruments Inc S25C320A Datasheet HTML 8Page - Seiko Instruments Inc S25C320A Datasheet HTML 9Page - Seiko Instruments Inc S25C320A Datasheet HTML 10Page - Seiko Instruments Inc S25C320A Datasheet HTML 11Page - Seiko Instruments Inc S25C320A Datasheet HTML 12Page - Seiko Instruments Inc S25C320A Datasheet HTML 13Page - Seiko Instruments Inc S25C320A Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A/640A H Series
Rev.2.3_00_H
Seiko Instruments Inc.
10
Instruction Setting
Table 14 is the list of instruction for the S-25C320A/640A. The instruction is able to be input by changing the CS pin “H”
to “L”. Input the instruction in the MSB first. Each instruction code is organized with 1-byte as shown below. If the
S-25C320A/640A receives any invalid instruction code, the device goes in the non-select status.
Table 14 Instruction Set
Instruction
Operation
Instruction code
Address
Data
SCK input clock
1 to 8
SCK input clock
9 to 16
SCK input clock
17 to 24
SCK input clock
25 to 32
WREN
Write enable
0000 0110
WRDI
Write disable
0000 0100
RDSR
Read the status register
0000 0101
b7 to b0 output
*1
WRSR
Write in the status register
0000 0001
b7 to b0 input
READ
Read memory data
0000 0011
A15 to A8
*2
A7 to A0
D7 to D0 output
*3
WRITE
Write memory data
0000 0010
A15 to A8
*2
A7 to A0
D7 to D0 input
*1. Sequential data reading is possible.
*2. In the S-25C320A, the higher addresses A15 to A12 = Don’t care.
In the S-25C640A, the higher addresses A15 to A13 = Don’t care.
*3. After outputting data in the specified address, data in the following address is output.


Similar Part No. - S25C320A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C010A SII-S25C010A Datasheet
408Kb / 33P
   105C OPERATION
S25C080A SII-S25C080A Datasheet
425Kb / 31P
   105C OPERATION
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C128A SII-S25C128A Datasheet
407Kb / 31P
   SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C128A-H SII-S25C128A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
More results

Similar Description - S25C320A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C128A SII-S25C128A Datasheet
407Kb / 31P
   SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A SII-S25C160A Datasheet
408Kb / 31P
   SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C128A-H SII-S25C128A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A-H SII-S25C160A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com