Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3002AEB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG3002AEB
Description  Low VF MEGA Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3002AEB Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG3002AEB_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3002AEB_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2002 May 06
3
NXP Semiconductors
Product data sheet
Low VF MEGA Schottky barrier diode
PMEG3002AEB
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
Note
1.
Pulsed test: tp = 300 μs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOD523 (SC-79) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
continuous forward voltage
see Fig.2
IF = 0.1 mA
130
190
mV
IF = 1 mA
190
250
mV
IF = 10 mA
255
300
mV
IF = 100 mA
355
400
mV
IF = 200 mA
420
480
mV
IR
continuous reverse current
VR = 10 V; see Fig.3; note 1
2.5
10
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Fig.4 20
25
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
450
K/W


Similar Part No. - PMEG3002AEB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AEB PHILIPS-PMEG3002AEB Datasheet
50Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
More results

Similar Description - PMEG3002AEB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA PHILIPS-PMEG2010EA_15 Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
PMEG2015EV NXP-PMEG2015EV Datasheet
112Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Jun 03
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2010EA NEXPERIA-PMEG2010EA Datasheet
271Kb / 8P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
logo
NXP Semiconductors
PMEG2015EA PHILIPS-PMEG2015EA Datasheet
56Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG3002AEB PHILIPS-PMEG3002AEB Datasheet
50Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2003 Jun 27
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com