Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5842LEUB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5842LEUB
Description  Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5842LEUB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5842LEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5842LEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Quad, 12-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
_______________________________________________________________________________________
5
ZERO-CODE ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
2
4
6
8
10
0
2.7
5.5
NO LOAD
ZERO-CODE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2
4
6
8
10
0
-40
85
NO LOAD
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
-0.4
-0.8
-1.2
-1.6
-2.0
0
2.7
5.5
NO LOAD
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.4
-0.8
-1.2
-1.6
-2.0
0
-40
85
NO LOAD
DAC OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT (NOTE 6)
OUTPUT SOURCE CURRENT (mA)
8
6
4
2
1
2
3
4
5
6
0
010
CODE = FFF hex
DAC OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT (NOTE 6)
OUTPUT SINK CURRENT (mA)
8
6
4
2
0.5
1.0
1.5
2.0
2.5
0
010
CODE = 400 hex
SUPPLY CURRENT vs. INPUT CODE
INPUT CODE
3276
2457
1638
819
260
280
300
320
240
0
4096
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
260
280
300
320
240
2.7
5.5
CODE = FFF hex
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +5V, RL = 5k
Ω.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
260
280
300
320
240
-40
85
N0 LOAD
CODE = FFF hex


Similar Part No. - MAX5842LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841LEUB MAXIM-MAX5841LEUB Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841MEUB MAXIM-MAX5841MEUB Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
More results

Similar Description - MAX5842LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
   Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com