Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5841LEUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5841LEUB
Description  Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5841LEUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5841LEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 9Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Quad, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
6
_______________________________________________________________________________________
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
100
200
300
400
500
0
2.7
5.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
ZOUT = HIGH IMPEDANCE
NO LOAD
POWER-UP GLITCH
MAX5841 toc17
100
µs/div
VDD
OUT_
0
5V
10mV/div
EXITING SHUTDOWN
MAX5841 toc18
2
µs/div
OUT_
500mV/div
CLOAD = 200pF
CODE = 200 hex
MAJOR CARRY TRANSITION
(POSITIVE)
MAX5841 toc19
2
µs/div
OUT_
5mV/div
CLOAD = 200pF
RL = 5k
CODE = 1FF hex TO 200 hex
MAJOR CARRY TRANSITION
(NEGATIVE)
MAX5841 toc20
2
µs/div
OUT_
5mV/div
CLOAD = 200pF
RL = 5k
CODE = 200 hex TO 1FF hex
Typical Operating Characteristics (continued)
(VDD = +5V, RL = 5k
Ω, TA = +25°C.)
SETTLING TIME
(POSITIVE)
MAX5841 toc21
2
µs/div
OUT_
500mV/div
CLOAD = 200pF
CODE = 100 hex TO 300 hex


Similar Part No. - MAX5841LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842LEUB MAXIM-MAX5842LEUB Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842MEUB MAXIM-MAX5842MEUB Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
More results

Similar Description - MAX5841LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5821 MAXIM-MAX5821 Datasheet
419Kb / 13P
   Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
   Quad 10-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5250BEAP-T MAXIM-MAX5250BEAP-T Datasheet
762Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
   Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com