Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0931 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9DBU0931
Description  Device contains default configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0931 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9DBU0931 Datasheet HTML 5Page - Integrated Device Technology 9DBU0931 Datasheet HTML 6Page - Integrated Device Technology 9DBU0931 Datasheet HTML 7Page - Integrated Device Technology 9DBU0931 Datasheet HTML 8Page - Integrated Device Technology 9DBU0931 Datasheet HTML 9Page - Integrated Device Technology 9DBU0931 Datasheet HTML 10Page - Integrated Device Technology 9DBU0931 Datasheet HTML 11Page - Integrated Device Technology 9DBU0931 Datasheet HTML 12Page - Integrated Device Technology 9DBU0931 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REVISION C 04/22/15
9
9 O/P 1.5V PCIE GEN1-2-3 FAN-OUT BUFFER
9DBU0931 DATASHEET
Additive Phase Jitter Plot: 125M (12kHz to 20MHz)
RMS additive jitter: 313fs


Similar Part No. - 9DBU0931

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0931 ICST-9DBU0931 Datasheet
299Kb / 17P
   slew rate for each output
logo
Renesas Technology Corp
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0931AKILF IDT-9DBU0931AKILF Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931AKILFT IDT-9DBU0931AKILFT Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931AKLF IDT-9DBU0931AKLF Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results

Similar Description - 9DBU0931

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
   This device contains idenpendent inverts
IN74LS04 IKSEMICON-IN74LS04 Datasheet
156Kb / 4P
   This device contains six independent inverts
logo
Altera Corporation
EP1C6Q240C8N ALTERA-EP1C6Q240C8N Datasheet
706Kb / 106P
   Supports configuration through low-cost serial configuration device
logo
Silicon Laboratories
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
logo
Intel Corporation
EPCQ-A INTEL-EPCQ-A Datasheet
414Kb / 38P
   EPCQ-A Serial Configuration Device
logo
IK Semicon Co., Ltd
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
   This device contains hex inverted buffers with open-collector
logo
Xilinx, Inc
XCN09032 XILINX-XCN09032 Datasheet
45Kb / 2P
   DS617, High-Density Configuration and Storage Device
logo
ATMEL Corporation
AT42QT1110-MZ ATMEL-AT42QT1110-MZ Datasheet
698Kb / 48P
   Device configuration can be stored in EEPROM
logo
IK Semicon Co., Ltd
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
   This device contains four independent 2-input Exclusive-OR gates
logo
PHOENIX CONTACT
2702889 PHOENIX-2702889 Datasheet
55Kb / 2P
   Rapid network startup thanks to multi-device configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com