Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYS597034CM Datasheet(PDF) 8 Page - International Rectifier

Part # IRHYS597034CM
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYS597034CM Datasheet(HTML) 8 Page - International Rectifier

  IRHYS597034CM_15 Datasheet HTML 1Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 2Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 3Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 4Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 5Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 6Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 7Page - International Rectifier IRHYS597034CM_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHYS597034CM, JANSR2N7520T3
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Å Total Dose Irradiation with VDS Bias.
-48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = -25V, starting TJ = 25°C, L=0.67mH
Peak IL =- 20A, VGS = -12V
 ISD ≤ - 20A, di/dt ≤ -370A/µs,
VDD ≤ - 60V, TJ ≤ 150°C
Footnotes:
Case Outline and Dimensions — Low-Ohmic TO-257AA
NOT ES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES].
4. T O-257AA TABLESS IS A MODIFIED JEDEC OUTLINE T O-257AA.
LEAD ASSIGNMENTS
2 = SOURCE
1 = DRAIN
3 = GATE
3.05 [.120]
0.13 [.005]
0.71 [.028]
MAX.
B
5.08 [.200]
4.83 [.190]
10.92 [.430]
10.42 [.410]
1.14 [.045]
0.89 [.035]
16.89 [.665]
16.39 [.645]
3
2
1
15.88 [.625]
12.70 [.500]
0.88 [.035]
0.64 [.025]
Ø 0.50 [.020]
C A
B
2X
3X Ø
2.54 [.100]
C
10.66 [.420]
10.42 [.410]
A
13.63 [.537]
13.39 [.527]
3X Ø 3.81 [.150]
3.56 [.140]
IR WORLD HEADQUARTERS: 101 N Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 02/2015


Similar Part No. - IRHYS597034CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYS597034CM IRF-IRHYS597034CM Datasheet
200Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYS597034CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com