Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5722 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5722
Description  12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5722 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
12-Bit, Low-Power, Dual, Voltage-Output
DAC with Serial Interface
4
_______________________________________________________________________________________
-16
-4
-8
-12
0
4
12
8
16
0
512 1024 1536 2048 2560 3072 3584 4096
INTEGRAL NONLINEARITY vs.
CODE, TA = +25
°C
CODE
VDD = +5V
VDD = +3V
-0.2
-0.4
-0.6
-0.8
-1.0
0.2
0
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
DIFFERENTIAL NONLINEARITY vs.
CODE, TA = +25
°C
CODE
-0.6
0
-0.2
-0.4
0.2
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
TOTAL UNADJUSTED ERROR vs.
CODE, TA = +25
°C
CODE
VDD = +5V
VDD = +3V
-16
-4
-8
-12
0
4
12
8
16
0
512 1024 1536 2048 2560 3072 3584 4096
INTEGRAL NONLINEARITY vs.
CODE, TA = -40
°C
CODE
VDD = +5V
VDD = +3V
-16
-4
-8
-12
0
4
12
8
16
0
512 1024 1536 2048 2560 3072 3584 4096
INTEGRAL NONLINEARITY vs.
CODE, TA = +125
°C
CODE
VDD = +5V
VDD = +3V
-0.2
-0.4
-0.6
-0.8
-1.0
0.2
0
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
DIFFERENTIAL NONLINEARITY vs.
CODE, TA = -40
°C
CODE
-0.6
0
-0.2
-0.4
0.2
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
TOTAL UNADJUSTED ERROR vs.
CODE, TA = -40
°C
CODE
VDD = +5V
VDD = +3V
-0.2
-0.4
-0.6
-0.8
-1.0
0.2
0
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
DIFFERENTIAL NONLINEARITY vs.
CODE, TA = +125
°C
CODE
-0.6
0
-0.2
-0.4
0.2
0.4
0.8
0.6
1.0
0
512 1024 1536 2048 2560 3072 3584 4096
TOTAL UNADJUSTED ERROR vs.
CODE, TA = +125
°C
CODE
VDD = +5V
VDD = +3V
Typical Operating Characteristics
(VREF = VDD, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn