Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWR-HW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TWR-HW
Description  ZenNet Wireless Lighting On/Off In-line Relay Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWR-HW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TWR-HW Datasheet HTML 1Page - List of Unclassifed Manufacturers TWR-HW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
TWR-HW Hardwire Relay Module
ZenNet Wireless Lighting On/Off In-line Relay Module
5 year Warranty
Specifications
Power Supply
120/277Vac, 50/60Hz
Maximum Load
• General Purpose – 16A @ 120/277Vac
• Resistive – 16A @ 120/277Vac
• Tungsten – 960W @ 120Vac
• Ballast – 600W @ 120Vac
• Motor Load Rating – ½ HP @ 120Vac
Power Consumption
1.1W @ full load, 500mW quiescent
Inputs/Outputs
• Flying-lead style power input wires
• 1 normally open relay
• 1 switched output wire
• Radio Frequency (RF) transceiver
• 2 Buttons with LEDs--configuration & manual control
RF Communications
EnOcean 902 MHz
Transmission Range
80ft (25m)
Dimensions
2.78”H x 1.65”W x 1.1”D (73mm x 42mm x 28mm)
Weight
3.2 oz (90.72g)
Mounting
• Install inside standard electrical box
• 1/2” threaded nipple
Environment
• Indoor use only
• 32° to 131° F (0° to 55° C)
• 20% to 95% relative humidity (non-condensing)
EnOcean Profile
A5-11-01
Interoperable Products
(EnOcean Profiles)
• Rocker Pad Switch (F6-02-02)
• Key Card Switch (F6-04-01)
• Window handle (F6-10-00)
• 1BS Single Input Contact (D5-00-01)
• Temperature Sensor, 0° to 40° C (A5-02-05)
• Occupancy Sensor (A5-07-01)
• Contact, single input (A5-30-01)
• Central Gateway (A5-38-08)
Rev 7-8-15
ZenNet Wireless Lighting Controls
Part Number
Description
TWR-HW
White 2 button Fixture Control Module with threaded nipple
Agency Compliance
UL/CUL
UL244A, UL1472
CSA
22.2 No. 184
FCC
SZV-STM300U
IC
5713A-STM300U
ZenNet Fixture Control Module uses radio frequency technology to
communicate with ZenNet self-powered input devices, providing a
simple stand-alone solution for lighting control. The compact relay
module is easily wired out of sight. Can also be used to operate
non-lighting appliances.
• Switches lighting or other electrical loads On/Off
• Two molded buttons with LED indicator lights can be used to
configure or manually control the device
• Controls loads individually or as part of a scene or event
• Installs inside or mounts to electrical box using threaded connector
• Easily links with wireless sensors and switches
• Relay module is hard wired inline with the electrical load to
be controlled
• ½” Tradesize Nipple (For ⅞” Diameter Hole)


Similar Part No. - TWR-HW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

Similar Description - TWR-HW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWR-PI ETC2-TWR-PI Datasheet
290Kb / 1P
   ZenNet Wireless Lighting On/Off Plug-in Switch Module
TWR-D10 ETC2-TWR-D10 Datasheet
372Kb / 2P
   ZenNet Wireless LED Lighting Dimmable In-line Relay Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
List of Unclassifed Man...
TWS-DR-W ETC2-TWS-DR-W Datasheet
299Kb / 2P
   ZenNet Self-powered Wireless Wall Switches
logo
Torex Semiconductor
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
List of Unclassifed Man...
TWO-WL ETC2-TWO-WL Datasheet
443Kb / 2P
   ZenNet Self-powered Wireless Wall-mount Sensor
TWO-CL ETC2-TWO-CL Datasheet
373Kb / 2P
   ZenNet Self-powered Wireless Ceiling-mount Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com