Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRV-150S024ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRV-150S024ST
Description  Switch Mode LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRV-150S024ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRV-150S024ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRV-150S024ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
150W TRV-150 Series
Switch Mode LED Drivers
Constant Voltage
Aluminum Housing
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vac (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
0.90 @ 75-100% load, 100-277V
THD:
<_ 20% @ 75-100% load, 100-277V
Inrush Current:
65 Amps maximum @ 230 Vac, cold start 25ºC
Input Current:
1.75 A max 100Vac, 0.8 A max 220Vac
Maximum Power:
150W
Line Regulation:
± 1%
Load Regulation:
± 2%
Leakage Current:
1 mA 277 Vac 60Hz
Typical Efficiency
92.5%-93.5% at 220Vac
Turn-on Delay:
0.9S typical 110Vac, 0.5S typical 220Vac
Ripple and Noise:
2% V
o
Protection:
Over-Voltage (latch mode), Over-Temperature (110°C),
Over-Current (hiccup mode), Lightning, and
Short Circuit Protection with Self Recovery
Environmental Specifications
Minimum Starting Temp: -35ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
260,000 Hours @ 110Vac input, 80% load and 25ºC
ambient conditions per MIL-HDBK-217F
Lifetime:
77,200 Hours @ 220Vac, 80% load and Tc=60ºC
Weight:
2.2 lbs. (1.0 kg)
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
TRV-150S012ST
12
0-12.5
150
92%
TRV-150S020ST
20
0-7.50
150
92%
TRV-150S024ST
24
0-6.25
150
93%
TRV-150S036ST
36
0-4.17
150
93%
TRV-150S048ST
48
0-3.13
150
93%
TRV-150S054ST
54
0-2.78
150
93%
E332160
Safety and EMC Compliance
UL/CUL
UL8750, Compliance to UL1012, UL935,
CAN/CSA-C22.2 No. 0, CSA-C22.2 No. 107.1-01, CSA-C22.2 No. 250.0
C E
EN 61347-1, EN61347-2-13
EN 55015
Conducted emission Test & Radiated emission Test
EN 61000-3-2 Harmonic current emissions
EN 61000-3-3 Voltage fluctuations & flicker
EN 61000-4-2 Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3 Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4 Electrical Fast Transient / Burst-EFT
EN 61000-4-5 Surge Immunity Test: AC Power Line: line to line 4 kV, line to earth 6 kV
EN 61000-4-6 Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8 Power Frequency Magnetic Field Test
EN 61000-4-11 Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies to Lighting Equipment
• Total Power: 150 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• Ultra-high Efficiency
• High Power Factor
• UL8750
Rev 8-28-15
HI-POT Test
Normal Application
Nut
Metal Lock Sheet
The new design of this LED driver provides 1.4KV surge protection. To properly
HI-POT test this unit, the surge protection must be disconnected. The screw, nut, and
metal lock sheet on the input side of the driver provide for this. To test, first remove
the nut and lock sheet as shown. After testing, secure the nut and lock sheet to
provide line-to-earth protection.
This HI-POT test feature is available on product manufactured after August 15, 2015.
New Surge Protection and HI-POT Testing


Similar Part No. - TRV-150S024ST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRV-1500 MACOM-TRV-1500 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
More results

Similar Description - TRV-150S024ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com