Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5711 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5711
Description  10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5711 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5711 Datasheet HTML 1Page - Maxim Integrated Products MAX5711 Datasheet HTML 2Page - Maxim Integrated Products MAX5711 Datasheet HTML 3Page - Maxim Integrated Products MAX5711 Datasheet HTML 4Page - Maxim Integrated Products MAX5711 Datasheet HTML 5Page - Maxim Integrated Products MAX5711 Datasheet HTML 6Page - Maxim Integrated Products MAX5711 Datasheet HTML 7Page - Maxim Integrated Products MAX5711 Datasheet HTML 8Page - Maxim Integrated Products MAX5711 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0
40
20
80
60
100
120
2.7
5.2
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.7
3.2
4.2
4.7
CODE = 3FF HEX
CODE = 000
0
100
50
200
150
250
300
2.7
3.7
4.2
3.2
4.7
5.2
SUPPLY VOLTAGE (V)
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
200
100
500
400
300
800
700
600
900
02
13
4
5
SUPPLY CURRENT vs.
CS INPUT VOLTAGE
CS INPUT VOLTAGE (V)
VDD = +5V
VDD = +3V
FULL-SCALE SETTLING TIME
(VDD = +5V)
MAX5711 toc16
VOUT
1V/div
VSCLK
5V/div
1
µs/div
CODE 000 TO 3FF HEX
RL = 5k
CL = 200pF
FULL-SCALE SETTLING TIME
(VDD = +5V)
MAX5711 toc17
VOUT
1V/div
VSCLK
5V/div
2
µs/div
CODE 3FF HEX TO 000
RL = 5k
CL = 200pF
HALF-SCALE SETTLING TIME
(VDD = +3V)
MAX5711 toc18
VOUT
1V/div
VSCLK
5V/div
1
µs/div
CODE 100 HEX TO 300 HEX
RL = 5k
CL = 200pF
HALF-SCALE SETTLING TIME
(VDD = +3V)
MAX5711 toc19
VOUT
1V/div
VSCLK
5V/div
1
µs/div
CODE 300 HEX TO 100 HEX
RL = 5k
CL = 200pF
EXITING POWER-DOWN
(VDD = +5V)
MAX5711 toc20
VOUT
1V/div
VSCLK
5V/div
5
µs/div
CODE 200 HEX
RL = 5k
CL = 200pF
DIGITAL-TO-ANALOG
GLITCH IMPULSE (VDD = +5V)
MAX5711 toc21
VOUT
10mV/div
CODE 200 HEX TO 1FF HEX
RL = 5k
CL = 200pF
500ns/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
10-Bit, Low-Power, Rail-to-Rail
Voltage-Output Serial DAC in SOT23
_______________________________________________________________________________________
5


Similar Part No. - MAX5711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
MAX5712AUT MAXIM-MAX5712AUT Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
MAX5712EUT MAXIM-MAX5712EUT Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713AUD+T MAXIM-MAX5713AUD+T Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
More results

Similar Description - MAX5711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
logo
Texas Instruments
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
   Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Linear Technology
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com