Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-18DBVTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2985A-18DBVTE4
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-18DBVTE4 Datasheet(HTML) 1 Page - Texas Instruments

  LP2985A-18DBVTE4 Datasheet HTML 1Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 2Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 3Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 4Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 5Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 6Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 7Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 8Page - Texas Instruments LP2985A-18DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
−50
−25
0
25
50
75
100
125
150
VO = 3.3 V
Cbyp = 10 nF
150 mA
50 mA
10 mA
1 mA
Temperature − ( C)
°
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2985
SLVS522O – JULY 2004 – REVISED JANUARY 2015
LP2985 150-mA Low-noise Low-dropout Regulator With Shutdown
1 Features
3 Description
The
LP2985
family
of
fixed-output,
low-dropout
1
Output Tolerance of
regulators
offers
exceptional,
cost-effective
1% (A Grade)
performance
for
both
portable
and
nonportable
1.5% (Standard Grade)
applications. Available in voltages of 1.8 V, 2.5 V, 2.8
V, 2.9 V, 3 V, 3.1 V, 3.3 V, 5 V, and 10 V, the family
Ultra-Low Dropout, Typically
has an output tolerance of 1% for the A version (1.5%
280 mV at Full Load of 150 mA
for the non-A version) and is capable of delivering
7 mV at 1 mA
150-mA continuous load current. Standard regulator
features, such as overcurrent and overtemperature
Wide VIN Range: 16 V Max
protection, are included.
Low IQ: 850 μA at Full Load at 150 mA
Shutdown Current: 0.01
μA Typ
Device Information(1)
Low Noise: 30
μVRMS With 10-nF Bypass
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Capacitor
LP2985
SOT-23 (5)
2.90 mm x 1.60 mm
Stable With Low-ESR Capacitors, Including
(1) For all available packages, see the orderable addendum at
Ceramic
the end of the data sheet.
Overcurrent and Thermal Protection
Dropout Voltage vs Temperature
High Peak-Current Capability
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
2 Applications
Portable Devices
Digital Cameras and Camcorders
CD Players
MP3 Players
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2985A-18DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-18DBVTE4 TI-LP2985A-18DBVTE4 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-18DBVTE4 TI-LP2985A-18DBVTE4 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-18DBVTE4 TI-LP2985A-18DBVTE4 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2985A-18DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com