Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1825-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC1825-SP
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1825-SP Datasheet HTML 3Page - Texas Instruments UC1825-SP Datasheet HTML 4Page - Texas Instruments UC1825-SP Datasheet HTML 5Page - Texas Instruments UC1825-SP Datasheet HTML 6Page - Texas Instruments UC1825-SP Datasheet HTML 7Page - Texas Instruments UC1825-SP Datasheet HTML 8Page - Texas Instruments UC1825-SP Datasheet HTML 9Page - Texas Instruments UC1825-SP Datasheet HTML 10Page - Texas Instruments UC1825-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
INV
NON INV
Error Amplifier Output
VREF 5.1 V
200 W
UC1825
Simplified Schematic
1
2
3
16
100
80
60
40
40
0
−20
f − Frequency − Hz
0
1 K
10 K 100 K
1 M
10 M 100 M
0
OPEN LOOP FREQUENCY RESPONSE
−90
−180
AV
0
5
4
3
2
0
0.2
0.4
0.6
1
0.8
1
VIN
VIOUT
t − Time − ms
UNITY GAIN SLEW RATE
UC1825-SP
www.ti.com
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATIONS
High speed circuits demand careful attention to layout and component placement. To ensure proper performance
of the UC1825 follow these rules:
1. Use a ground plane.
2. Damp or clamp parasitic inductive kick energy from the gate of driven MOSFETs. Do not allow the output
pins to ring below ground. A series gate resistor or a shunt 1-A Schottky diode at the output pin serves this
purpose.
3. Bypass VCC, VC, and VREF. Use 0.1-μF monolithic ceramic capacitors with low equivalent series inductance.
Allow less than 1-cm of total lead length for each capacitor between the bypassed pin and the ground plane.
4. Treat the timing capacitor, CT, like a bypass capacitor.
Figure 2. Error Amplifier
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC1825-SP


Similar Part No. - UC1825-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1825-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com