Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1112 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1112
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1112 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1112 Datasheet HTML 1Page - Seiko Instruments Inc S1112 Datasheet HTML 2Page - Seiko Instruments Inc S1112 Datasheet HTML 3Page - Seiko Instruments Inc S1112 Datasheet HTML 4Page - Seiko Instruments Inc S1112 Datasheet HTML 5Page - Seiko Instruments Inc S1112 Datasheet HTML 6Page - Seiko Instruments Inc S1112 Datasheet HTML 7Page - Seiko Instruments Inc S1112 Datasheet HTML 8Page - Seiko Instruments Inc S1112 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-1112/1122 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION AND LOW DROPOUT
CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2002-2015
Rev.6.1_00
Seiko Instruments Inc.
1
The S-1112/1122 Series is a positive voltage regulator with a low dropout voltage, high-accuracy output
voltage, and low current consumption developed based on CMOS technology.
A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built-in
overcurrent protection circuit prevents the load current from exceeding the current
capacity of the output
transistor. An ON/OFF circuit ensures a long battery life. Compared with the voltage regulators using the
conventional CMOS technology, a larger variety of capacitors are available, including small ceramic capacitors.
Small SNT-6A(H) (S-1112 Series only) and SOT-23-5 packages realize high-density mounting. In SOT-23-5,
the lineup includes the S-1112 and S-1122 Series, which differ in pin configuration.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V step
• Output voltage accuracy:
±1.0%
• Dropout voltage:
190 mV typ. (3.0 V output product, IOUT = 100 mA)
• Current consumption:
During operation: 50
μA typ., 90 μA max.
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)
*1
• Output capacitor:
A ceramic capacitor of 0.47
μF or more can be used.
• Ripple rejection:
80 dB typ. (f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for personal communication device
• Constant-voltage power supply for home electric/electronic appliance
• Constant-voltage power supply for cellular phone
Packages
• SNT-6A(H)
• SOT-23-5


Similar Part No. - S1112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1112 ETC2-S1112 Datasheet
450Kb / 1P
   SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
More results

Similar Description - S1112

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1131 SII-S1131 Datasheet
852Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com