Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3010 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L3010
Description  HIGH POWER LED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3010 Datasheet(HTML) 2 Page - Unisonic Technologies

  L3010_15 Datasheet HTML 1Page - Unisonic Technologies L3010_15 Datasheet HTML 2Page - Unisonic Technologies L3010_15 Datasheet HTML 3Page - Unisonic Technologies L3010_15 Datasheet HTML 4Page - Unisonic Technologies L3010_15 Datasheet HTML 5Page - Unisonic Technologies L3010_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L3010
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R125-024.C
PIN CONFIGURATION
1
2
3
4
8
7
6
5
SW
GND
SENSE
VIN
NC
NC
NC
COMP
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SW
Power Switch output.
2
GND
Ground.
3
SENSE
Current sense pin.
4
VIN
Input supply voltage.
5
COMP
Compensation pin, connects to external capacitor.
6~8
NC
No Connected.
BLOCK DIAGRAM
4
VIN
2 GND
1 SW
Driver
NMOS
Reference
S
Q
R
Rsense
Current Sense
+ +
+
-
UVLO
280KHz
Slope COMP
OTP
SS
+
-
COMP 5
SNESE 3
EA
PWM
88mV


Similar Part No. - L3010_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
More results

Similar Description - L3010_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com