Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3200 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 16Page - Texas Instruments CC3200 Datasheet HTML 17Page - Texas Instruments CC3200 Datasheet HTML 18Page - Texas Instruments CC3200 Datasheet HTML 19Page - Texas Instruments CC3200 Datasheet HTML 20Page - Texas Instruments CC3200 Datasheet HTML 21Page - Texas Instruments CC3200 Datasheet HTML 22Page - Texas Instruments CC3200 Datasheet HTML 23Page - Texas Instruments CC3200 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
CC3200
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
General-Purpose
0
GPIO8
I/O
I/O
6
SDCARD_IRQ
Interrupt from SD
I
Card (Future
GPIO_PAD_CONFIG_
support)
63
GPIO8
I/O
No
No
No
8
Hi-Z
Hi-Z
Hi-Z
(0x4402 E0C0)
7
McAFSX
I2S Audio Port
O
Frame Sync
12
GT_CCP06
Timer Capture
I
Port
General-Purpose
0
GPIO9
I/O
I/O
3
GT_PWM05
Pulse Width
O
Modulated O/P
GPIO_PAD_CONFIG_
6
SDCARD_
SD Cad Data
I/O
64
GPIO9
I/O
No
No
No
9
Hi-Z
Hi-Z
Hi-Z
DATA0
(0x4402 E0C4)
7
McAXR0
I2S Audio Port
I/O
Data (Rx/Tx)
12
GT_CCP00
Timer Capture
I
Port
65
GND_TAB
Thermal pad and
electrical ground
(1) LPDS mode: The state of unused GPIOs in LPDS is input with 500 k
Ω pulldown. For all used GPIOs , the user can enable internal pulls, which would hold them in a valid state.
(2) Hibernate mode: The CC3200 device leaves the digital pins in a Hi-Z state without any internal pulls when the device enters hibernate state. This can cause glitches on output lines unless
held at valid levels by external resistors.
(3) To minimize leakage in some serial flash vendors during LPDS, TI recommends the user application always enable internal weak pulldowns on FLASH_SPI_DATA and FLASH_SPI_CLK
pins.
(4) This pin has dual functions: as a SOP[2] (device operation mode), and as an external TCXO enable. As a TXCO enable, the pin is an output on power up and driven logic high. During
hibernate low-power mode, the pin is in a high impedance state but pulled down for SOP mode to disable TCXO. Because of SOP functionality, the pin must be used as output only.
(5) Higher leakage current from the onboard serial flash can occur due to floating inputs when the device enters Hibernate mode. See reference schematics for recommended pull-up and
pull-down resistors.
(6) For details on proper use, see Section 3.2, Drive Strength and Reset States for Analog-Digital Multiplexed Pins.
(7) This pin is one of three that must have a passive pullup or pulldown resistor on board to configure the chip hardware power-up mode. For this reason, the pin must be output only when
used for digital functions.
(8) This pin is reserved for WLAN antenna selection, controlling an external RF switch that multiplexes the RF pin of the CC3200 device between two antennas. These pins should not be
used for other functionalities in general.
20
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3200


Similar Part No. - CC3200

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3200C-P SOSHIN-CC3200C-P Datasheet
228Kb / 2P
   3-phase 3-line 500VAC Available 200-400A For output side only
logo
Texas Instruments
CC3200MOD TI-CC3200MOD Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBR TI-CC3200MODR1M2AMOBR Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBT TI-CC3200MODR1M2AMOBT Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results

Similar Description - CC3200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
List of Unclassifed Man...
MT7697D ETC2-MT7697D Datasheet
1Mb / 84P
   Internet-of-Things Wireless Connectivity
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com