Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3200 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 46Page - Texas Instruments CC3200 Datasheet HTML 47Page - Texas Instruments CC3200 Datasheet HTML 48Page - Texas Instruments CC3200 Datasheet HTML 49Page - Texas Instruments CC3200 Datasheet HTML 50Page - Texas Instruments CC3200 Datasheet HTML 51Page - Texas Instruments CC3200 Datasheet HTML 52Page - Texas Instruments CC3200 Datasheet HTML 53Page - Texas Instruments CC3200 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
CC3200
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
www.ti.com
5.5
Wi-Fi Network Processor Subsystem
The Wi-Fi network processor subsystem includes a dedicated ARM MCU to completely offload the host
MCU along with an 802.11 b/g/n radio, baseband, and MAC with a powerful crypto engine for a fast,
secure WLAN and Internet connections with 256-bit encryption. The CC3200 device supports station, AP,
and Wi-Fi Direct modes. The device also supports WPA2 personal and enterprise security and WPS 2.0.
The Wi-Fi network processor includes an embedded IPv4 TCP/IP stack.
Table 5-1 summarizes the NWP features.
Table 5-1. Summary of Features Supported by the NWP Subsystem
Item
Domain
Category
Feature
Details
1
TCP/IP
Network Stack
IPv4
Baseline IPv4 stack
2
TCP/IP
Network Stack
TCP/UDP
Base protocols
3
TCP/IP
Protocols
DHCP
Client and server mode
4
TCP/IP
Protocols
ARP
Support ARP protocol
5
TCP/IP
Protocols
DNS/mDNS
DNS Address resolution and local server
6
TCP/IP
Protocols
IGMP
Up to IGMPv3 for multicast management
7
TCP/IP
Applications
mDNS
Support multicast DNS for service publishing over IP
8
TCP/IP
Applications
mDNS-SD
Service discovery protocol over IP in local network
9
TCP/IP
Applications
Web Sever/HTTP Server
URL static and dynamic response with template.
10
TCP/IP
Security
TLS/SSL
TLS v1.2 (client/server)/SSL v3.0
11
TCP/IP
Security
TLS/SSL
For the supported Cipher Suite, go to SimpleLink Wi-Fi
CC3200 SDK.
12
TCP/IP
Sockets
RAW Sockets
User-defined encapsulation at WLAN MAC/PHY or IP
layers
13
WLAN
Connection
Policies
Allows management of connection and reconnection
policy
14
WLAN
MAC
Promiscuous mode
Filter-based Promiscuous mode frame receiver
15
WLAN
Performance
Initialization time
From enable to first connection to open AP less than
50 ms
16
WLAN
Performance
Throughput
UDP = 16 Mbps
17
WLAN
Performance
Throughput
TCP = 13 Mbps
18
WLAN
Provisioning
WPS2
Enrollee using push button or PIN method.
19
WLAN
Provisioning
AP Config
AP mode for initial product configuration (with
configurable Web page and beacon Info element)
20
WLAN
Provisioning
SmartConfig
Alternate method for initial product configuration
21
WLAN
Role
Station
802.11bgn Station with legacy 802.11 power save
22
WLAN
Role
Soft AP
802.11 bg single station with legacy 802.11 power
save
23
WLAN
Role
P2P
P2P operation as GO
24
WLAN
Role
P2P
P2P operation as CLIENT
25
WLAN
Security
STA-Personal
WPA2 personal security
26
WLAN
Security
STA-Enterprise
WPA2 enterprise security
27
WLAN
Security
STA-Enterprise
EAP-TLS
28
WLAN
Security
STA-Enterprise
EAP-PEAPv0/TLS
29
WLAN
Security
STA-Enterprise
EAP-PEAPv1/TLS
30
WLAN
Security
STA-Enterprise
EAP-PEAPv0/MSCHAPv2
31
WLAN
Security
STA-Enterprise
EAP-PEAPv1/MSCHAPv2
32
WLAN
Security
STA-Enterprise
EAP-TTLS/EAP-TLS
33
WLAN
Security
STA-Enterprise
EAP-TTLS/MSCHAPv2
34
WLAN
Security
AP-Personal
WPA2 personal security
50
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3200


Similar Part No. - CC3200

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3200C-P SOSHIN-CC3200C-P Datasheet
228Kb / 2P
   3-phase 3-line 500VAC Available 200-400A For output side only
logo
Texas Instruments
CC3200MOD TI-CC3200MOD Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBR TI-CC3200MODR1M2AMOBR Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBT TI-CC3200MODR1M2AMOBT Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results

Similar Description - CC3200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
List of Unclassifed Man...
MT7697D ETC2-MT7697D Datasheet
1Mb / 84P
   Internet-of-Things Wireless Connectivity
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com