Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3200 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3200_15 Datasheet HTML 5Page - Texas Instruments CC3200_15 Datasheet HTML 6Page - Texas Instruments CC3200_15 Datasheet HTML 7Page - Texas Instruments CC3200_15 Datasheet HTML 8Page - Texas Instruments CC3200_15 Datasheet HTML 9Page - Texas Instruments CC3200_15 Datasheet HTML 10Page - Texas Instruments CC3200_15 Datasheet HTML 11Page - Texas Instruments CC3200_15 Datasheet HTML 12Page - Texas Instruments CC3200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
CC3200
www.ti.com
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
General Purpose
0
GPIO12
I/O
Hi-Z
I/O
3
McACLK
I2S Audio Port
O
Hi-Z
Clock O
4
pVS (VSYNC)
Parallel Camera
I
Hi-Z
GPIO_PAD_CONFIG_
Vertical Sync
3
GPIO12
I/O
No
No
No
12
Hi-Z
Hi-Z
5
I2C_SCL
I2C Clock
I/O
Hi-Z
(0x4402 E0D0)
(Open
Drain)
7
UART0_TX
UART0 TX Data
O
1
12
GT_CCP03
Timer Capture
I
Hi-Z
Port
General-Purpose
0
GPIO13
I/O
I/O
5
I2C_SDA
I2C Data
I/O
(Open
GPIO_PAD_CONFIG_
Drain)
4
GPIO13
I/O
Yes
No
No
13
Hi-Z
Hi-Z
Hi-Z
4
pHS (HSYNC)
Parallel Camera
I
(0x4402 E0D4)
Horizontal Sync
7
UART0_RX
UART0 RX Data
I
12
GT_CCP04
Timer Capture
I
Port
General-Purpose
0
GPIO14
I/O
I/O
5
I2C_SCL
I2C Clock
I/O
(Open
Drain)
GPIO_PAD_CONFIG_
5
GPIO14
I/O
No
No
14
7
GSPI_CLK
General SPI
I/O
Hi-Z
Hi-Z
Hi-Z
(0x4402 E0D8)
Clock
4
pDATA8
Parallel Camera
I
(CAM_D4)
Data Bit 4
12
GT_CCP05
Timer Capture
I
Port
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: CC3200


Similar Part No. - CC3200_15

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3200C-P SOSHIN-CC3200C-P Datasheet
228Kb / 2P
   3-phase 3-line 500VAC Available 200-400A For output side only
logo
Texas Instruments
CC3200MOD TI-CC3200MOD Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBR TI-CC3200MODR1M2AMOBR Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBT TI-CC3200MODR1M2AMOBT Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results

Similar Description - CC3200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
List of Unclassifed Man...
MT7697D ETC2-MT7697D Datasheet
1Mb / 84P
   Internet-of-Things Wireless Connectivity
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com