Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3100 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC3100 Datasheet HTML 16Page - Texas Instruments CC3100 Datasheet HTML 17Page - Texas Instruments CC3100 Datasheet HTML 18Page - Texas Instruments CC3100 Datasheet HTML 19Page - Texas Instruments CC3100 Datasheet HTML 20Page - Texas Instruments CC3100 Datasheet HTML 21Page - Texas Instruments CC3100 Datasheet HTML 22Page - Texas Instruments CC3100 Datasheet HTML 23Page - Texas Instruments CC3100 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
I2
I6
I7
I9
SWAS032-017
CLK
MISO
MOSI
I8
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 4-9. WLAN Filter Requirements (continued)
Requirements
Parameter
Frequency (MHz)
Min
Typ
Max
Units
800 to 830
30
45
1600 to 1670
20
25
3200 to 3300
30
48
4000 to 4150
45
50
Attenuation
4800 to 5000
20
25
dB
5600 to 5800
20
25
6400 to 6600
20
35
7200 to 7500
35
45
7500 to 10000
20
25
Reference Impendence
2412 to 2484
50
Ω
Filter type
Bandpass
4.11.4 Interfaces
This section describes the interfaces that are supported by the CC3100 device:
Host SPI
Flash SPI
Host UART
4.11.4.1 Host SPI Interface Timing
Figure 4-13. Host SPI Interface Timing
Table 4-10. Host SPI Interface Timing Parameters
Parameter
Parameter(1)
Parameter Name
Min
Max
Unit
Number
I1
F
Clock frequency @ VBAT = 3.3 V
20
MHz
Clock frequency @ VBAT ≤ 2.1 V
12
I2
tclk
(2)
Clock period
50
ns
I3
tLP
Clock low period
25
ns
I4
tHT
Clock high period
25
ns
I5
D
Duty cycle
45
55
%
I6
tIS
RX data setup time
4
ns
I7
tIH
RX data hold time
4
ns
I8
tOD
TX data output delay
20
(1)
The timing parameter has a maximum load of 20 pf at 3.3 V.
(2)
Ensure that nCS (active-low signa)l is asserted 10 ns before the clock is toggled. nCS can be deasserted 10 ns after the clock edge.
20
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100


Similar Part No. - CC3100

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3100C-AZ SOSHIN-CC3100C-AZ Datasheet
127Kb / 3P
   3-phase 3-line 500VAC Available 5-150A For output line only
logo
Texas Instruments
CC3100MOD TI-CC3100MOD Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBR TI-CC3100MODR11MAMOBR Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBT TI-CC3100MODR11MAMOBT Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
More results

Similar Description - CC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
logo
silex technology americ...
SX-ULPGN SILEX-SX-ULPGN Datasheet
639Kb / 2P
   Hostless 802.11n Wi-Fi Internet-of-Things Platform
REV D. 20192903
SX-NEWAH SILEX-SX-NEWAH Datasheet
5Mb / 2P
   Industry?셲 rst 802.11ah Wi-Fi Solution for Internet of things (IoT) devices
REV A. 20200214
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com