Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3100 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC3100 Datasheet HTML 12Page - Texas Instruments CC3100 Datasheet HTML 13Page - Texas Instruments CC3100 Datasheet HTML 14Page - Texas Instruments CC3100 Datasheet HTML 15Page - Texas Instruments CC3100 Datasheet HTML 16Page - Texas Instruments CC3100 Datasheet HTML 17Page - Texas Instruments CC3100 Datasheet HTML 18Page - Texas Instruments CC3100 Datasheet HTML 19Page - Texas Instruments CC3100 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
4.11.2.3 Wakeup from Hibernate
Figure 4-8 shows the timing diagram for wakeup from the hibernate state.
Figure 4-8. nHIB Timing Diagram
NOTE
The 32.768-kHz XTAL is kept enabled by default when the chip goes to hibernate in response to
nHIB being pulled low.
Table 4-4 describes the timing requirements for nHIB.
Table 4-4. nHIB Timing Requirements
Item
Name
Description
Min
Typ
Max
Thib_min
Minimum hibernate
Minimum pulse width
10 ms
time
of nHIB being low(1)
Twake_from_hib
Hardware wakeup
See (2).
50 ms
time plus firmware
initialization time
(1)
Ensure that the nHIB pulse width is kept above the minimum requirement under all conditions (such as power up, MCU reset, and so
on).
(2)
If temperature changes by more than 20°C, initialization time from HIB can increase by 200 ms due to radio calibration.
4.11.3 Clock Specifications
The CC3100 device requires two separate clocks for its operation:
A slow clock running at 32.768 kHz is used for the RTC.
A fast clock running at 40 MHz is used by the device for the internal processor and the WLAN subsystem.
The device features internal oscillators that enable the use of cheaper crystals rather than dedicated TCXOs for
these clocks. The RTC can also be fed externally to provide reuse of an existing clock on the system and reduce
overall cost.
16
Specifications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100


Similar Part No. - CC3100

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3100C-AZ SOSHIN-CC3100C-AZ Datasheet
127Kb / 3P
   3-phase 3-line 500VAC Available 5-150A For output line only
logo
Texas Instruments
CC3100MOD TI-CC3100MOD Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBR TI-CC3100MODR11MAMOBR Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBT TI-CC3100MODR11MAMOBT Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
More results

Similar Description - CC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
logo
silex technology americ...
SX-ULPGN SILEX-SX-ULPGN Datasheet
639Kb / 2P
   Hostless 802.11n Wi-Fi Internet-of-Things Platform
REV D. 20192903
SX-NEWAH SILEX-SX-NEWAH Datasheet
5Mb / 2P
   Industry?셲 rst 802.11ah Wi-Fi Solution for Internet of things (IoT) devices
REV A. 20200214
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com