Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 1 Page - Texas Instruments

  CC3100 Datasheet HTML 1Page - Texas Instruments CC3100 Datasheet HTML 2Page - Texas Instruments CC3100 Datasheet HTML 3Page - Texas Instruments CC3100 Datasheet HTML 4Page - Texas Instruments CC3100 Datasheet HTML 5Page - Texas Instruments CC3100 Datasheet HTML 6Page - Texas Instruments CC3100 Datasheet HTML 7Page - Texas Instruments CC3100 Datasheet HTML 8Page - Texas Instruments CC3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
CC3100 SimpleLink™ Wi-Fi® Network Processor,
Internet-of-Things Solution for MCU Applications
1
Device Overview
1.1
Features
1
– RX Sensitivity
• CC3100 SimpleLink Wi-Fi Consists of Wi-Fi
Network Processor and Power-Management
–95.7 dBm @ 1 DSSS
Subsystems
–74.0 dBm @ 54 OFDM
• Wi-Fi CERTIFIED™ Chip
– Application Throughput
• Wi-Fi Network Processor Subsystem
UDP: 16 Mbps
– Featuring Wi-Fi Internet-On-a-Chip™
TCP: 13 Mbps
– Dedicated ARM MCU
• Host Interface
Completely Offloads Wi-Fi and Internet
– Interfaces with 8-, 16-, and 32-Bit MCU or
Protocols from the External Microcontroller
ASICs Over SPI or UART Interface
– Wi-Fi Driver and Multiple Internet Protocols in
– Low External Host Driver Footprint: Less Than
ROM
7KB of Code Memory and 700 B of RAM
– 802.11 b/g/n Radio, Baseband, and Medium
Memory Required for TCP Client Application
Access Control (MAC), Wi-Fi Driver, and
• Power-Management Subsystem
Supplicant
– Integrated DC-DC Supports a Wide Range of
– TCP/IP Stack
Supply Voltage:
Industry-Standard BSD Socket Application
VBAT Wide-Voltage Mode: 2.1 to 3.6 V
Programming Interfaces (APIs)
Preregulated 1.85-V Mode
8 Simultaneous TCP or UDP Sockets
– Advanced Low-Power Modes
2 Simultaneous TLS and SSL Sockets
Hibernate with RTC: 4 µA
– Powerful Crypto Engine for Fast, Secure Wi-Fi
Low-Power Deep Sleep (LPDS): 115 µA
and Internet Connections with 256-Bit AES
RX Traffic (MCU Active): 53 mA @
Encryption for TLS and SSL Connections
54 OFDM
– Station, AP, and Wi-Fi Direct® Modes
TX Traffic (MCU Active): 223 mA @
– WPA2 Personal and Enterprise Security
54 OFDM, Maximum Power
– SimpleLink Connection Manager for
Idle Connected: 690 µA @ DTIM = 1
Autonomous and Fast Wi-Fi Connections
• Clock Source
– SmartConfig™ Technology, AP Mode, and
– 40.0-MHz Crystal with Internal Oscillator
WPS2 for Easy and Flexible Wi-Fi Provisioning
– 32.768-kHz Crystal or External RTC Clock
– TX Power
• Package and Operating Temperature
18.0 dBm @ 1 DSSS
– 0.5-mm Pitch, 64-Pin, 9-mm × 9-mm QFN
14.5 dBm @ 54 OFDM
– Ambient Temperature Range: –40°C to 85°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC3100

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3100C-AZ SOSHIN-CC3100C-AZ Datasheet
127Kb / 3P
   3-phase 3-line 500VAC Available 5-150A For output line only
logo
Texas Instruments
CC3100MOD TI-CC3100MOD Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBR TI-CC3100MODR11MAMOBR Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MODR11MAMOBT TI-CC3100MODR11MAMOBT Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
More results

Similar Description - CC3100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
logo
silex technology americ...
SX-ULPGN SILEX-SX-ULPGN Datasheet
639Kb / 2P
   Hostless 802.11n Wi-Fi Internet-of-Things Platform
REV D. 20192903
SX-NEWAH SILEX-SX-NEWAH Datasheet
5Mb / 2P
   Industry?셲 rst 802.11ah Wi-Fi Solution for Internet of things (IoT) devices
REV A. 20200214
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com