Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9N100 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. 9N100
Description  N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N100 Datasheet(HTML) 1 Page - Unisonic Technologies

  9N100_15 Datasheet HTML 1Page - Unisonic Technologies 9N100_15 Datasheet HTML 2Page - Unisonic Technologies 9N100_15 Datasheet HTML 3Page - Unisonic Technologies 9N100_15 Datasheet HTML 4Page - Unisonic Technologies 9N100_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N100
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-735.b
9A, 1000V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 9N100 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide costumers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 9N100 is generally applied in high efficiency switch
mode power supplies.
FEATURES
* RDS(ON)<1.7Ω @ VGS=10V
* Fast Switching Speed
* 100% Avalanche Tested
* Improved dv/dt Capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
9N100L-T47-T
9N100G-T47-T
TO-247
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn