Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640F128RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640F128RHBR
Description  CC2640 SimpleLink Bluetooth Smart Wireless MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640F128RHBR Datasheet(HTML) 1 Page - Texas Instruments

  CC2640F128RHBR Datasheet HTML 1Page - Texas Instruments CC2640F128RHBR Datasheet HTML 2Page - Texas Instruments CC2640F128RHBR Datasheet HTML 3Page - Texas Instruments CC2640F128RHBR Datasheet HTML 4Page - Texas Instruments CC2640F128RHBR Datasheet HTML 5Page - Texas Instruments CC2640F128RHBR Datasheet HTML 6Page - Texas Instruments CC2640F128RHBR Datasheet HTML 7Page - Texas Instruments CC2640F128RHBR Datasheet HTML 8Page - Texas Instruments CC2640F128RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC2640
SWRS176 – FEBRUARY 2015
CC2640 SimpleLink™ Bluetooth® Smart Wireless MCU
1
Device Overview
1.1
Features
1
– Very Few External Components
• Microcontroller
– Seamless Integration With the SimpleLink
– Powerful ARM® Cortex®-M3
CC2590 and CC2592 Range Extenders
– EEMBC CoreMark® score: 142
– Pin Compatible With the SimpleLink CC13xx in
– Up to 48-MHz Clock Speed
4-mm × 4-mm and 5-mm × 5-mm QFN
– 128KB of In-System Programmable Flash
Packages
– 8-KB SRAM for Cache
• Low Power
– 20-KB Ultra-Low Leakage SRAM
– Wide Supply Voltage Range
– 2-Pin cJTAG and JTAG Debugging
Normal Operation: 1.8 to 3.8 V
– Supports Over-The-Air Upgrade (OTA)
External Regulator Mode: 1.7 to 1.95 V
• Ultra-Low Power Sensor Controller
– Active-mode RX: 5.9 mA
– Can run autonomous from the rest of the
– Active-mode TX at 0 dBm: 6.1 mA
system
– Active-mode TX at +5 dBm: 9.1 mA
– 16-Bit Architecture
– Active-mode MCU: 61 µA/MHz
– 2-KB Ultra-Low Leakage SRAM for Code and
– Active-mode MCU: 48.5 CoreMark/mA
Data
– Active-mode Sensor Controller: 8.2 µA/MHz
• Efficient Code Size Architecture, Placing Drivers,
– Standby: 1 µA (RTC Running and RAM/CPU
Bluetooth® Low Energy Controller, and Bootloader
Retention)
in ROM
– Shutdown: 100 nA (Wake-up on External
• RoHS-Compliant Packages
Events)
– 4-mm × 4-mm RSM QFN32 (10 GPIOs)
• RF Section
– 5-mm × 5-mm RHB QFN32 (15 GPIOs)
– 2.4 GHz RF Transceiver Compatible With
– 7-mm x 7-mm RGZ QFN48 (31 GPIOs)
Bluetooth Low Energy (BLE) 4.1 specification
• Peripherals
– Excellent Receiver Sensitivity (–97 dBm for
– All Digital Peripheral Pins can be Routed to any
BLE), Selectivity, and Blocking Performance
GPIO
– Programmable Output Power up to +5 dBm
– 4 General-Purpose Timer Modules (8 × 16-Bit or
– Single-ended or Differential RF Interface
4 × 32-Bit Timer, PWM Each)
– Suitable for Systems Targeting Compliance With
– 12-Bit ADC, 200-ksamples/s, 8-Channel Analog
Worldwide Radio Frequency Regulations
MUX
ETSI EN 300 328 (Europe)
– Continuous Time Comparator
EN 300 440 Class 2 (Europe)
– Ultra-Low Power Analog Comparator
FCC CFR47 Part 15 (US)
– Programmable Current Source
ARIB STD-T66 (Japan)
– UART
• Tools and Development Environment
– 2x SSI (SPI, µW, TI)
– Full-Feature and Low-Cost Development Kits
– I2C
– Multiple Reference Designs for Different RF
– I2S
Configurations
– Real-Time Clock (RTC)
– Packet Sniffer PC Software
– AES-128 Security Module
– Sensor Controller Studio
– True Random Number Generator (TRNG)
– SmartRF™ Studio
– 10, 15, or 31 GPIOs, Depending on Package
– SmartRF Flash Programmer 2
Option
– IAR Embedded Workbench® for ARM
– Support for 8 Capacitive Sensing Buttons
– Code Composer Studio™
– Integrated Temperature Sensor
• External System
– On-Chip internal DC-DC Converter
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC2640F128RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
More results

Similar Description - CC2640F128RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
[Old version datasheet]   Extended Industrial Temperature Bluetooth Smart Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com