Electronic Components Datasheet Search |
|
CC430F5147 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CC430F5147 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 118 page ECCN 5E002 TSPA - Technology / Software Publicly Available CC430F614x CC430F514x CC430F512x www.ti.com SLAS555A – NOVEMBER 2012 – REVISED FEBRUARY 2013 MSP430 SoC With RF Core 1 FEATURES 23 • True System-on-Chip (SoC) for Low-Power – Serial Onboard Programming, No External Wireless Communication Applications Programming Voltage Needed • Wide Supply Voltage Range: – Embedded Emulation Module (EEM) 3.6 V Down to 1.8 V • High-Performance Sub-1-GHz RF Transceiver • Ultralow Power Consumption: Core – CPU Active Mode (AM): 160 µA/MHz – Same as in CC1101 – Standby Mode (LPM3 RTC Mode): 2.0 µA – Wide Supply Voltage Range: 2.0 V to 3.6 V – Off Mode (LPM4 RAM Retention): 1.0 µA – Frequency Bands: 300 MHz to 348 MHz, 389 MHz to 464 MHz, and 779 MHz to – RTC Only Mode (LPM3.5): 1.0 µA 928 MHz – Shutdown Mode (LPM4.5): 0.3 µA – Programmable Data Rate From 0.6 kBaud – Radio in RX: 15 mA, 250 kbps, 915 MHz to 500 kBaud • MSP430™ System and Peripherals – High Sensitivity (-117 dBm at 0.6 kBaud, – 16-Bit RISC Architecture, Extended ‑‑111 dBm at 1.2 kBaud, 315 MHz, 1% Packet Memory, up to 20-MHz System Clock Error Rate) – Wake-Up From Standby Mode in Less – Excellent Receiver Selectivity and Blocking Than 6 µs Performance – Flexible Power Management System With – Programmable Output Power Up to SVS and Brownout +12 dBm for All Supported Frequencies – Unified Clock System With FLL – 2-FSK, 2-GFSK, and MSK Supported as well – 16-Bit Timer TA0, Timer_A With Five as OOK and Flexible ASK Shaping Capture/Compare Registers – Flexible Support for Packet-Oriented – 16-Bit Timer TA1, Timer_A With Three Systems: On-Chip Support for Sync Word Capture/Compare Registers Detection, Address Check, Flexible Packet – Hardware Real-Time Clock Length, and Automatic CRC Handling – Two Universal Serial Communication – Support for Automatic Clear Channel Interfaces Assessment (CCA) Before Transmitting (for Listen-Before-Talk Systems) – USCI_A0 Supports UART, IrDA, SPI – Digital RSSI Output – USCI_B0 Supports I2C™, SPI – Suited for Systems Targeting Compliance – 10-Bit A/D Converter With Internal With EN 300 220 (Europe) and Reference, Sample-and-Hold, and Autoscan FCC CFR Part 15 (US) Features (Only CC430F614x and CC430F514x) – Suited for Systems Targeting Compliance With Wireless M-Bus Standard – Comparator EN 13757 ‑‑4:2005 – Integrated LCD Driver With Contrast – Support for Asynchronous and Control for up to 96 Segments (Only Synchronous Serial Receive/Transmit Mode CC430F614x) for Backward Compatibility With Existing – 128-Bit AES Security Encryption and Radio Communication Protocols Decryption Coprocessor • Family Members Summarized in Table 1 – 32-Bit Hardware Multiplier • For Complete Module Descriptions, See the – Three-Channel Internal DMA CC430 Family User's Guide (SLAU259) 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 MSP430 is a trademark of Texas Instruments. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2012–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - CC430F5147 |
|
Similar Description - CC430F5147 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |