Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1320801VXC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R1320801VXC
Description  Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962R1320801VXC Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962R1320801VXC Datasheet HTML 7Page - Texas Instruments 5962R1320801VXC Datasheet HTML 8Page - Texas Instruments 5962R1320801VXC Datasheet HTML 9Page - Texas Instruments 5962R1320801VXC Datasheet HTML 10Page - Texas Instruments 5962R1320801VXC Datasheet HTML 11Page - Texas Instruments 5962R1320801VXC Datasheet HTML 12Page - Texas Instruments 5962R1320801VXC Datasheet HTML 13Page - Texas Instruments 5962R1320801VXC Datasheet HTML 14Page - Texas Instruments 5962R1320801VXC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
140
160
180
200
Frequency ± MHz
C003
SFDR = 78.8 dBc
SNR = 69.9 dBFS
SINAD = 68.9 dBFS
THD = 74.9 dBc
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
140
160
180
200
Frequency ± MHz
C004
SFDR = 78 dBc
SNR = 69.8 dBFS
SINAD = 68.9 dBFS
THD = 74.9 dBc
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
140
160
180
200
Frequency ± MHz
C001
SFDR = 79.4 dBc
SNR = 70.5 dBFS
SINAD = 69.8 dBFS
THD = 77 dBc
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
140
160
180
200
Frequency ± MHz
C002
SFDR = 76.3 dBc
SNR = 68.7 dBFS
SINAD = 67.7 dBFS
THD = 73.5 dBc
ADS5474-SP
www.ti.com
SLAS574A – SEPTEMBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 30 MHz INPUT SIGNAL
FFT FOR 70 MHz INPUT SIGNAL
Figure 3.
Figure 4.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 130 MHz INPUT SIGNAL
FFT FOR 230 MHz INPUT SIGNAL
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS5474-SP


Similar Part No. - 5962R1320801VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R1320201VXC TI1-5962R1320201VXC Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
5962R1320201VXC TI1-5962R1320201VXC Datasheet
995Kb / 29P
[Old version datasheet]   Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
5962R1320202V9A TI1-5962R1320202V9A Datasheet
1Mb / 31P
[Old version datasheet]   1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202V9A TI-5962R1320202V9A Datasheet
2Mb / 32P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
5962R1320202V9A TI-5962R1320202V9A Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - 5962R1320801VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com