Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600QML-SP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600QML-SP
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600QML-SP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC12D1600QML-SP Datasheet HTML 29Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 30Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 31Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 32Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 33Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 34Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 35Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 36Page - Texas Instruments ADC12D1600QML-SP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
2
2.5
3
3.5
4
0
400
800
1200
1600
Sample Rate (MSPS)
LSPSM
Non-LSPSM
C024
-90
-80
-70
-60
-50
-40
0
400
800
1200
1600
2000
2400
Input (MHz)
I Channel
Q Channel
C025
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1000
2000
3000
4000
Input (MHz)
Non-LSPSM 1600 MSPS
DES 3200 MSPS
C026
-90
-80
-70
-60
-50
0
1000
2000
3000
Input (MHz)
Non-LSPSM 1600 MSPS
DES 3200 MSPS
C027
-90
-80
-70
-60
-50
0
1000
2000
3000
Input (MHz)
-7 dBFS
-13 dBFS
-16 dBFS
C028
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
Typical Performance Plots (continued)
VA = VDR = VTC = VE = 1.9V, fCLK = 1600 MHz in Non-LSPSM and 800 MHz in LSPSM, fIN = 248 MHz, TA= 25°C, 1:2 Demux
Non-DES Mode, and calibration performed after temperature, supply voltage or sample rate change, unless otherwise stated.
3rd ORDER INTERMODULATION DISTORTION
3rd ORDER INTERMODULATION DISTORTION
vs.
vs.
INPUT FREQUENCY
INPUT FREQUENCY (DES MODE 3200 MSPS)
Figure 37.
Figure 38.
CROSS TALK
INSERTION LOSS
vs.
vs.
INPUT FREQUENCY
INPUT FREQUENCY
Figure 39.
Figure 40.
POWER CONSUMPTION
vs.
SAMPLE RATE
Figure 41.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com