Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600CCMPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600CCMPR
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600CCMPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12D1600CCMPR Datasheet HTML 5Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 6Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 7Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 8Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 9Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 10Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 11Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 12Page - Texas Instruments ADC12D1600CCMPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
VA
GND
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
Table 3. Control and Status Pins (continued)
Ball No.
Name
Equivalent Circuit
Description
Serial Data-Out. In ECM, serial data is shifted out of the
A3
SDO
device on this pin while SCS signal is asserted (logic-low).
This output is tri-stated when SCS is de-asserted.
Reserved. This pin is used for internal purposes and should
W3
RSV
NONE
be connected to GND through a 100 k
Ω resistor.
This pin should be decoupled with a 100 nF capacitor vias a
E3
RSV1
NONE
low resistance, low inductance path to GND.
This pin should be decoupled with a 100 nF capacitor vias a
F4
RSV2
NONE
low resistance, low inductance path to GND.
Table 4. Power and Ground Pins
Ball No.
Name
Equivalent Circuit
Description
A2, A6, B6, C7, D1, D8, D9,
Power Supply for the Analog circuitry. This supply is tied to the
E1, F1, H4, N4, R1, T1, U8,
VA
NONE
ESD ring. Therefore, it must be powered up before or with any
U9, W6, Y2, Y6
other supply.
G1, G3, G4, H2, J3, K3, L3,
VTC
NONE
Power Supply for the Track-and-Hold and Clock circuitry.
M3, N2, P1, P3, P4, R3, R4
A11, A15, C18, D11, D15,
D17, J17, J20, R17, R20,
VDR
NONE
Power Supply for the Output Drivers.
T17, U11, U15, U16, Y11,
Y15
A8, B9, C8, V8, W9, Y8
VE
NONE
Power Supply for the Digital Encoder.
Bias Voltage I-channel. This is an externally decoupled bias
voltage for the I-channel. Each pin should individually be
D7, J4, K2
VbiasI
NONE
decoupled with a 100 nF capacitor via a low resistance, low
inductance path to GND.
Bias Voltage Q-channel. This is an externally decoupled bias
voltage for the Q-channel. Each pin should individually be
L2, M4, U7
VbiasQ
NONE
decoupled with a 100 nF capacitor via a low resistance, low
inductance path to GND.
A1, A7, B2, B7, C2, C6, D4,
D5, E4, K1, L1, T4, U4, U5,
GND
NONE
Ground Return for the Analog circuitry.
W2, W7, Y1, Y7, AA2:AA11
F2, G2, H3, J2, K4, L4, M2,
GNDTC
NONE
Ground Return for the Track-and-Hold and Clock circuitry.
N3, P2, R2, T2, T3, U1
A13, A17, A20, D13, D16,
E17, F17, F20, M17, M20,
GNDDR
NONE
Ground Return for the Output Drivers.
U13, U17, V18, Y13, Y17,
Y20
A9, B8, C9, V9, W8, Y9
GNDE
NONE
Ground Return for the Digital Encoder.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT/NOPB TI1-ADC12D1600CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com